Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1S Datasheet(PDF) 2 Page - Mitel Networks Corporation

Part # MP1S
Description  High Performance Broadband Downconverter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MP1S Datasheet(HTML) 2 Page - Mitel Networks Corporation

  MP1S Datasheet HTML 1Page - Mitel Networks Corporation MP1S Datasheet HTML 2Page - Mitel Networks Corporation MP1S Datasheet HTML 3Page - Mitel Networks Corporation MP1S Datasheet HTML 4Page - Mitel Networks Corporation MP1S Datasheet HTML 5Page - Mitel Networks Corporation MP1S Datasheet HTML 6Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
SL2035
Figure 2 Pin connections - top view
Quick Reference Data
All data applies with circuit component values given in Table 1
Characteristic
Value
Units
MP16
SL
2035
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
IF2
NC
GND
GND
GND
GND
RFIN
RFIN
IF1
NC
VCC/VCO
LO2
LO1
VCC/VCO
PRSC1
VCC/LNA
Electrical Characteristics
Tamb = 240
°C to 185°C, V
CC = 5V 65%, VEE = 0V. These characteristics are guaranteed by either production test or
design. They apply within the specified ambient temperature and supply voltage ranges unless otherwise stated.
Characteristic
Conditions
Max.
Min.
Value
Typ.
Units
IF output pins 1 and 16 will be nominally
connected to VCC through the differential
balun load as in Figure 5
Operating condition only
See Figure 3
See Note 1
TAMB = 27
°C, with input matching network
as in Figure 5.
With differential load
Differential voltage gain to 50
Ω load on
output of impedance transformer as in
Figure 5
Channel bandwidth 8MHz within operating
frequency range
995-1305MHz
See Note 1
Application as Figure 5. See Note 2
Application as Figure 5
Application as Figure 5
Compatible with all standard IF frequencies,
determined by application
Pin
99
1300
221
13
12
14
0·5
220
125
1·4
288
TBA
60
9,11,14
7,8
7,8
7,8
7,8
12,13
1,16
1000
27
9
8
116
0·9
295
30
97
10
11
118
290
mA
MHz
dB
µV
dB
dB
dB
dB
dB
dB
µV
GHz
dBc/Hz
dBc/Hz
MHz
Supply current
Input frequency range
Composite peak input signal
Input impedance
Input return loss
Input noise figure
Conversion gain
Gain variation within channel
Through gain
IIP3
LO operating range
LO phase noise, 10kHz offset
LO phase noise floor
IF output frequency range
cont…
NOTES
1. Any two tones within RF operating range at 92dB
µV with output load as in Figure 5.
2. Use low side LO injection.
RF input operating frequency range
Input noise Figure, SSB
Conversion gain
IIP3 input referred
P1dB input referred
LO phase noise at 10 kHz offset, fRF 1 to 1·3GHz, application as in Figure 5
1000-1300
12
11
118
106
,290
MHz
dB
dB
dB
µV
dBc
dBc/Hz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com