Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP435ADGST Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TMP435ADGST
Description  짹1째C TEMPERATURE SENSOR with Series-R,n-Factor, Automatic Beta Compensation and Programmable Addressing
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP435ADGST Datasheet(HTML) 2 Page - Texas Instruments

  TMP435ADGST Datasheet HTML 1Page - Texas Instruments TMP435ADGST Datasheet HTML 2Page - Texas Instruments TMP435ADGST Datasheet HTML 3Page - Texas Instruments TMP435ADGST Datasheet HTML 4Page - Texas Instruments TMP435ADGST Datasheet HTML 5Page - Texas Instruments TMP435ADGST Datasheet HTML 6Page - Texas Instruments TMP435ADGST Datasheet HTML 7Page - Texas Instruments TMP435ADGST Datasheet HTML 8Page - Texas Instruments TMP435ADGST Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
TMP435
SBOS495A – MARCH 2010 – REVISED APRIL 2010
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE INFORMATION(1)
TWO-WIRE
PACKAGE
PRODUCT
DESCRIPTION
ADDRESS
PACKAGE-LEAD
PACKAGE DESIGNATOR
MARKING
Remote Junction
TMP435
Pin-programmable
MSOP-10
DGS
DTPI
Temperature Sensor
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range, unless otherwise noted.
TMP435
UNIT
Power Supply, VS
+7.0
V
Pins 2, 3, 4, 5 and 8 only
–0.5 to VS + 0.5
V
Input Voltage
Pins 7, 9, and 10 only
–0.5 to 7
V
Input Current
10
mA
Operating Temperature Range
–55 to +127
°C
Storage Temperature Range
–60 to +130
°C
Junction Temperature (TJ max)
+150
°C
Human Body Model (HBM)
4000
V
ESD Rating
Charged Device Model (CDM)
1000
V
Machine Model (MM)
200
V
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
2
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TMP435



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com