Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP435ADGST Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TMP435ADGST
Description  짹1째C TEMPERATURE SENSOR with Series-R,n-Factor, Automatic Beta Compensation and Programmable Addressing
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP435ADGST Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMP435ADGST Datasheet HTML 2Page - Texas Instruments TMP435ADGST Datasheet HTML 3Page - Texas Instruments TMP435ADGST Datasheet HTML 4Page - Texas Instruments TMP435ADGST Datasheet HTML 5Page - Texas Instruments TMP435ADGST Datasheet HTML 6Page - Texas Instruments TMP435ADGST Datasheet HTML 7Page - Texas Instruments TMP435ADGST Datasheet HTML 8Page - Texas Instruments TMP435ADGST Datasheet HTML 9Page - Texas Instruments TMP435ADGST Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
3
2
1
0
1
2
3
-
-
-
-50
-25
0
25
50
75
100
125
AmbientTemperature,T (
A
C)
°
BetaCompensationDisabled.
GNDCollector-ConnectedTransistorwithn-factor=1.008.
3
2
1
0
1
2
3
-
-
-
-50
-25
0
25
50
75
100
125
AmbientTemperature,T (
A
C)
°
700
600
500
400
300
200
100
0
0.0625
0.125
0.25
0.5
1
2
4
8
ConversionRate(conversions/s)
V =3.3V
S
150
100
50
0
50
100
-
-
-150
0
5
10
15
20
30
25
LeakageResistance(M )
W
R
GND (LowBeta)
R
Vs
R
Vs (LowBeta)
R
GND
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
V (V)
S
500
450
400
350
300
250
200
150
100
50
0
1k
10k
100k
1M
10M
SCLClockFrequency(Hz)
V =3.3V
S
V =5.5V
S
TMP435
SBOS495A – MARCH 2010 – REVISED APRIL 2010
www.ti.com
TYPICAL CHARACTERISTICS
At TA = +25°C and VS = 3.3V, unless otherwise noted.
REMOTE TEMPERATURE ERROR
LOCAL TEMPERATURE ERROR
vs TEMPERATURE
vs TEMPERATURE
Figure 1.
Figure 2.
REMOTE TEMPERATURE ERROR
QUIESCENT CURRENT
vs LEAKAGE RESISTANCE
vs CONVERSION RATE
Figure 3.
Figure 4.
SHUTDOWN QUIESCENT CURRENT
SHUTDOWN QUIESCENT CURRENT
vs SCL CLOCK FREQUENCY
vs SUPPLY VOLTAGE
Figure 5.
Figure 6.
6
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TMP435



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com