Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP435ADGST Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TMP435ADGST
Description  짹1째C TEMPERATURE SENSOR with Series-R,n-Factor, Automatic Beta Compensation and Programmable Addressing
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP435ADGST Datasheet(HTML) 5 Page - Texas Instruments

  TMP435ADGST Datasheet HTML 1Page - Texas Instruments TMP435ADGST Datasheet HTML 2Page - Texas Instruments TMP435ADGST Datasheet HTML 3Page - Texas Instruments TMP435ADGST Datasheet HTML 4Page - Texas Instruments TMP435ADGST Datasheet HTML 5Page - Texas Instruments TMP435ADGST Datasheet HTML 6Page - Texas Instruments TMP435ADGST Datasheet HTML 7Page - Texas Instruments TMP435ADGST Datasheet HTML 8Page - Texas Instruments TMP435ADGST Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
1
2
3
4
5
10
9
8
7
6
SCL
SDA
ALERTTHERM2
/
A0
GND
V+
DXP
DXN
A1
THERM
RT/THERM2
TMP435
www.ti.com
SBOS495A – MARCH 2010 – REVISED APRIL 2010
DEVICE INFORMATION
DGS PACKAGE
MSOP-10
(TOP VIEW)
PIN ASSIGNMENTS
TMP435
NO.
NAME
DESCRIPTION
1
V+
Positive supply (2.7V to 5.5V)
2
DXP
Positive connection to remote temperature sensor
3
DXN
Negative connection to remote temperature sensor
4
A0
Address pin 0
5
A1
Address pin 1
6
GND
Ground
7
THERM
Thermal flag, active low, open-drain; requires pull-up resistor to V+
8
ALERT/THERM2
Alert (reconfigurable as second thermal flag), active low, open-drain; requires pull-up resistor to V+
9
SDA
Serial data line for SMBus, open-drain; requires pull-up resistor to V+
10
SCL
Serial clock line for SMBus, open-drain; requires pull-up resistor to V+
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TMP435



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com