Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP435ADGST Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TMP435ADGST
Description  짹1째C TEMPERATURE SENSOR with Series-R,n-Factor, Automatic Beta Compensation and Programmable Addressing
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP435ADGST Datasheet(HTML) 12 Page - Texas Instruments

Back Button TMP435ADGST Datasheet HTML 8Page - Texas Instruments TMP435ADGST Datasheet HTML 9Page - Texas Instruments TMP435ADGST Datasheet HTML 10Page - Texas Instruments TMP435ADGST Datasheet HTML 11Page - Texas Instruments TMP435ADGST Datasheet HTML 12Page - Texas Instruments TMP435ADGST Datasheet HTML 13Page - Texas Instruments TMP435ADGST Datasheet HTML 14Page - Texas Instruments TMP435ADGST Datasheet HTML 15Page - Texas Instruments TMP435ADGST Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
TMP435
SBOS495A – MARCH 2010 – REVISED APRIL 2010
www.ti.com
Table 3. TMP435 Register Map
POINTER ADDRESS
(HEX)
BIT DESCRIPTIONS
POWER-ON
REGISTER
READ
WRITE
RESET (HEX)
D7
D6
D5
D4
D3
D2
D1
D0
DESCRIPTIONS
Local Temperature
00
NA
(1)
00
LT11
LT10
LT9
LT8
LT7
LT6
LT5
LT4
(High Byte)
Remote
01
NA
00
RT11
RT10
RT9
RT8
RT7
RT6
RT5
RT4
Temperature (High
Byte)
02
NA
80
BUSY
LHIGH
LLOW
RHIGH
RLOW
OPEN
RTHRM
LTHRM
Status Register
Configuration
03
09
00
MASK
SD
AL/TH
0
0
RANGE
0
0
Register 1
Conversion Rate
04
0A
07
0
0
0
0
R3
R2
R1
R0
Register
Local Temperature
05
0B
55
LTH11
LTH10
LTH9
LTH8
LTH7
LTH6
LTH5
LTH4
High Limit (High
Byte)
Local Temperature
06
0C
00
LTL11
LTL10
LTL9
LTL8
LTL7
LTL6
LTL5
LTL4
Low Limit (High
Byte)
Remote
07
0D
55
RTH11
RTH10
RTH9
RTH8
RTH7
RTH6
RTH5
RTH4
Temperature High
Limit (High Byte)
Remote
08
0E
00
RTL11
RTL10
RTL9
RTL8
RTL7
RTL6
RTL5
RTL4
Temperature Low
Limit (High Byte)
NA
0F
XX
X
(2)
X
X
X
X
X
X
X
One-Shot Start
Remote
10
NA
00
RT3
RT2
RT1
RT0
0
0
0
0
Temperature (Low
Byte)
Remote
13
13
00
RTH3
RTH2
RTH1
RTH0
0
0
0
0
Temperature High
Limit (Low Byte)
Remote
14
14
00
RTL3
RTL2
RTL1
RTL0
0
0
0
0
Temperature Low
Limit (Low Byte)
Local Temperature
15
NA
00
LT3
LT2
LT1
LT0
0
0
0
0
(Low Byte)
Local Temperature
16
16
00
LTH3
LTH2
LTH1
LTH0
0
0
0
0
High Limit (Low
Byte)
Local Temperature
17
17
00
LTL3
LTL2
LTL1
LTL0
0
0
0
0
Low Limit (Low
Byte)
18
18
00
NC7
NC6
NC5
NC4
NC3
NC2
NC1
NC0
n-Factor Correction
Remote THERM
19
19
55
RTHL7
RTHL6
RTHL5
RTHL4
RTHL3
RTHL2
RTHL1
RTHL0
Limit
Configuration
1A
1A
1C
0
0
0
REN
LEN
RC
0
0
Register 2
1F
1F
00
0
0
0
0
0
0
RIMASK
LMASK
Channel Mask
20
20
55
LTHL7
LTHL6
LTHL5
LTHL4
LTHL3
LTHL2
LTHL1
LTHL0
Local THERM Limit
21
21
0A
TH7
TH6
TH5
TH4
TH3
TH2
TH1
TH0
THERM Hysteresis
Consecutive Alert
22
22
70
0
CTH2
CTH1
CTH0
CALT2
CALT1
CALT0
0
Register
Beta Range
25
25
08
0
0
0
0
BC3
BC2
BC1
BC0
Register
NA
FC
00
X
(3)
X
X
X
X
X
X
X
Software Reset
FD
NA
31
0
0
1
1
0
0
0
1
TMP435 Device ID
FE
NA
55
0
1
0
1
0
1
0
1
Manufacturer ID
(1)
NA = Not applicable; register is write- or read-only.
(2)
X = Indeterminate state.
(3)
X = Undefined. Writing any value to this register initiates a software reset; see the Software Reset section.
12
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TMP435



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com