Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8714IGMPAS Datasheet(PDF) 1 Page - Mitel Networks Corporation

Part # SP8714IGMPAS
Description  2100MHz Very Low Current Multi-Modulus Divider
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP8714IGMPAS Datasheet(HTML) 1 Page - Mitel Networks Corporation

  SP8714IGMPAS Datasheet HTML 1Page - Mitel Networks Corporation SP8714IGMPAS Datasheet HTML 2Page - Mitel Networks Corporation SP8714IGMPAS Datasheet HTML 3Page - Mitel Networks Corporation SP8714IGMPAS Datasheet HTML 4Page - Mitel Networks Corporation SP8714IGMPAS Datasheet HTML 5Page - Mitel Networks Corporation SP8714IGMPAS Datasheet HTML 6Page - Mitel Networks Corporation SP8714IGMPAS Datasheet HTML 7Page - Mitel Networks Corporation SP8714IGMPAS Datasheet HTML 8Page - Mitel Networks Corporation SP8714IGMPAS Datasheet HTML 9Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
SP8714
Fig. 2 Block diagram
The SP8714 is a switchable divide by 32/33, 64/65
programmable divider which is guaranteed to operate up to
2100MHz. It will operate from a supply of 2.7V to 5.25V and
requires typically 6.8mA (including the output current). It also
features a power down facility for battery economy.
The RF inputs are internally biased and should be capacitively
coupled to the signal source. The output is designed to interface
with CMOS synthesisers.
FEATURES
s Operation to 2100MHz
s Very Low Power
s Single Supply Operation 2.7V to 5.25V
s Power Down Facility for Battery Economy
s Latched Modulus Control Input
s Push Pull Output Drive
s ESD Protection on All Pins†
APPLICATIONS
s Cellular Telephones
s Cordless Telephones
† ESD precautions must be observed
Fig. 1 Pin connections - top view
ORDERING INFORMATION
SP8714 IG MPAS
Industrial Temperature Range
Miniature Plastic SOIC Package
SP8714 IG MPAC
As above supplied on Tape and Reel
BIAS
V
CC
2
7
5
250K
NOMINAL
4
CK
D
Q
6
3
V
CC
V
EE
1
8
V
EE
POWER
DOWN
OUTPUT
MC
RS
RF
INPUT
(CLOCK)
DIVIDE BY
4 / 5
DIVIDE BY
8 / 16
CONTROL
LOGIC
D TYPE
MP8
1
8
2
7
3
6
4
5
RF INPUT
POWER DOWN
MODULUS CONTROL
VEE
SP8714
RF INPUT
V
RATIO SELECT
OUTPUT
CC
DS3562 - 5.1 April 1999
SP8714
2100MHz Very Low Current Multi-Modulus Divider


Similar Part No. - SP8714IGMPAS

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SP8714IGMPAS MITEL-SP8714IGMPAS Datasheet
177Kb / 8P
2100MHz Very Low Current Multi-Modulus Divider
More results

Similar Description - SP8714IGMPAS

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SP8713 MITEL-SP8713 Datasheet
135Kb / 9P
1100MHz Very Low Current Three Modulus Divider
SP8715 MITEL-SP8715 Datasheet
312Kb / 10P
1100MHz Very Low Current Multi-Modulus Divider
SP8782A MITEL-SP8782A Datasheet
129Kb / 8P
1GHz 첨 16/17, 첨32/33 Multi-Modulus Divider
SP8902 MITEL-SP8902 Datasheet
95Kb / 6P
5GHZ 첨2 Fixed Modulus Divider
logo
List of Unclassifed Man...
SP8704 ETC-SP8704 Datasheet
66Kb / 5P
950MHz VERY LOW CURRENT MULTI-MODULUS DIVIDER
SP8906 ETC-SP8906 Datasheet
126Kb / 3P
500MHZ 4 MODULUS DIVIDER
logo
Zarlink Semiconductor I...
SP8714 ZARLINK-SP8714 Datasheet
487Kb / 9P
2100 MHz Very Low Current Multi-Modulus Divider
SP8782A ZARLINK-SP8782A Datasheet
290Kb / 8P
1GHz 16/17, 32/33 Multi-Modulus Divider
SP8715 ZARLINK-SP8715 Datasheet
611Kb / 11P
1100MHz Very Low Current Multi-Modulus Divider
logo
Mitel Networks Corporat...
SP8714 MITEL-SP8714_96 Datasheet
177Kb / 8P
2100MHz Very Low Current Multi-Modulus Divider
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com