Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G546 Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # G546
Description  Dual Power Distribution Switch
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G546 Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G546 Datasheet HTML 1Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ver 2.6
Nov 06, 2013
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G546
Global Mixed-mode Technology
Dual Power Distribution Switch
Features
87m
Ω R
DS(ON) (G546X1, G546X2) and 72mΩ
RDS(ON) (G546X3, G546X4)
Available with 5 Versions of Current Limits with
Foldback
Operating Range:2.7V to 5.5V
400µS Typical Rise Time
Under voltage Lockout
65µA Quiescent Supply Current
1µA Maximum Shutdown Supply Current
Logic Level Enable Pin, Available with
Active-High or Active-Low Version
No Reverse Current when Power Off
Deglitched Open-Drain Over-Current Flag
Output (
OC )
SOP-8 Package,MSOP-8 , MSOP-8 (FD) and
TDFN3X3-8 Package
UL Approved_#E232223
Nemko IEC 60950-1 CB/CCA_scheme Certifi-
cation Report #67291
Applications
High-Side Power Protection Switch
USB Power Management
USB Host and Self-Powered Bubs
USB Bus-Powered Hubs
Hot Plug-In Power Supplies
Battery-Charger Circuits
General Description
The G546 are integrated dual channel 87m
Ω (G546X1,
G546X2) and 72m
Ω (G546X3, G546X4) power
switchs for self-powered and bus-powered Universal
Serial Bus (USB) applications.
Several Protection features include current limiting
with foldback, and thermal shutdown to prevent catas-
trophic switch failure caused by increasing power dis-
sipation when continuous heavy loads or short circuit
occurs. And a built-in charge pump is used to drive the
N-channel MOSFET that is free of parasitic body diode
to eliminate any reversed current flow across the
switch when it is powered off.
OC is open-drain output report over-current or
over-temperature event and has typical 9ms deglitch
timeout period.
Pin Configuration
Typical Application Circuit
R
UL Recognized Component
R
UL Recognized Component
Note: Recommend connecting the Thermal Pad to the Ground for excellent power dissipation.
22µF
Load
OC1
EN1 (EN1)
OC2
EN2 (EN2)
22µF
Load
22µF
Power Supply
2.7V to 5.5V
OUT1
OUT2
IN
SOP-8/MSOP-8
G546
8
6
5
OC1
7
OUT1
OUT2
OC2
G546
TDFN3X3-8
1
2
3
4
8
7
6
5
Thermal
Pad
OC1
OUT1
OUT2
OC2
GND
EN1(EN1)
IN
EN2 (EN2)
1
2
3
4
GND
EN1(EN1)
IN
EN2 (EN2)
*: 22µFx2ea of input capacitor is to prevent input voltage drop at output short.
If the PCB trace of power rail to IN is long, larger input capacitor is necessary.
*
G546
8
6
5
1
2
3
4
MSOP-8 (FD)
G546
7
Thermal
Pad
GND
EN1(EN1)
IN
EN2 (EN2)
OC1
OUT1
OUT2
OC2
22µF*
Note: Recommend connecting the Thermal Pad to the Ground for excellent power dissipation.
22µF
Load
OC1
EN1 (EN1)
OC2
EN2 (EN2)
22µF
Load
22µF
Power Supply
2.7V to 5.5V
OUT1
OUT2
IN
SOP-8/MSOP-8
G546
8
6
5
OC1
7
OUT1
OUT2
OC2
G546
TDFN3X3-8
1
2
3
4
8
7
6
5
Thermal
Pad
OC1
OUT1
OUT2
OC2
GND
EN1(EN1)
IN
EN2 (EN2)
1
2
3
4
GND
EN1(EN1)
IN
EN2 (EN2)
*: 22µFx2ea of input capacitor is to prevent input voltage drop at output short.
If the PCB trace of power rail to IN is long, larger input capacitor is necessary.
*
G546
8
6
5
1
2
3
4
MSOP-8 (FD)
G546
7
Thermal
Pad
GND
EN1(EN1)
IN
EN2 (EN2)
OC1
OUT1
OUT2
OC2
22µF*


Similar Part No. - G546

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5461 GMT-G5461 Datasheet
42Kb / 1P
Power Distribution Switch
More results

Similar Description - G546

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS2026 ADMOS-AMS2026 Datasheet
51Kb / 5P
DUAL POWER DISTRIBUTION SWITCH
logo
Taiwan Semiconductor Co...
TS2026 TSC-TS2026 Datasheet
279Kb / 7P
Dual-Channel Power Distribution Switch
TS2026L TSC-TS2026L Datasheet
275Kb / 7P
Dual-Channel Power Distribution Switch
logo
Advanced Monolithic Sys...
AMS2026 ADMOS-AMS2026_05 Datasheet
53Kb / 5P
DUAL POWER DISTRIBUTION SWITCH
logo
Micrel Semiconductor
MIC2026-2YMTR MICREL-MIC2026-2YMTR Datasheet
1,000Kb / 16P
Dual-Channel Power Distribution Switch
logo
Global Mixed-mode Techn...
G556 GMT-G556 Datasheet
73Kb / 1P
Dual Power Distribution Switch
G554 GMT-G554 Datasheet
42Kb / 1P
Dual Power Distribution Switch
G526 GMT-G526 Datasheet
74Kb / 1P
Dual Power Distribution Switch
G5258 GMT-G5258 Datasheet
77Kb / 1P
Dual Power Distribution Switch
logo
Fitipower Integrated Te...
FP6861D FITIPOWER-FP6861D Datasheet
311Kb / 6P
Dual-Channel Power Distribution Switch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com