Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCP4547IMNTWG Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP4547IMNTWG
Description  Advanced Load Management
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4547IMNTWG Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCP4547IMNTWG Datasheet HTML 2Page - ON Semiconductor NCP4547IMNTWG Datasheet HTML 3Page - ON Semiconductor NCP4547IMNTWG Datasheet HTML 4Page - ON Semiconductor NCP4547IMNTWG Datasheet HTML 5Page - ON Semiconductor NCP4547IMNTWG Datasheet HTML 6Page - ON Semiconductor NCP4547IMNTWG Datasheet HTML 7Page - ON Semiconductor NCP4547IMNTWG Datasheet HTML 8Page - ON Semiconductor NCP4547IMNTWG Datasheet HTML 9Page - ON Semiconductor NCP4547IMNTWG Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
NCP4547
http://onsemi.com
8
APPLICATIONS INFORMATION
On−Resistance
The MOSFET gate voltage in the NCP4547 is driven by
a charge pump in the controller circuit. The output voltage
of the charge pump is dependent on the voltage on VCC. The
RON of the MOSFET is in turn dependent on its VGS. Care
must be taken to ensure a sufficient VCC voltage is used to
create the desired RON given the anticipated input voltage.
Enable Control
The NCP4547 allows for enabling the MOSFET in either
an active-high or active-low configuration. When the EN
and POL pins are both at a logic high level or both at a logic
low level and the VCC supply pin has an adequate voltage
applied, the MOSFET will be enabled. Similarly, when the
EN and POL pins are at different logic levels, the MOSFET
will be disabled.
An internal pull down resistor on the EN pin and an
internal pull up resistor on the POL pin ensure that the
MOSFET will be disabled when neither pin is driven. The
internal pull down or pull up resistor can also be used to
allow for only one of the pins to be driven in either an
active-high or active-low state.
Parametric Adjustments
The NCP4547 can be used in several configurations
depending on the need to control turn-on delay, slew rate, and
bleed resistance. Default minimum values of each parameter
are built into the part without the requirement of external
components. This configuration is shown above in Figure 1.
Figures 22 and 23 show alternate configurations where
external components are used to modify the turn-on delay,
slew rate, and total bleed resistance.
Figure 22 shows an external capacitor, CCOMBO,
connected from the VOUT pin to both the DELAY and SR
pins. This allows for one external capacitor to be used to
modify the turn-on delay and slew rate. Note that the value
of CCOMBO is used in Equations 1 and 2 (below) in place of
CDEL and CSR respectively.
Figure 23 shows the use of two external capacitors for
independent control of the turn-on delay and slew rate.
Turn−On Delay
The NCP4547 provides a time delay between the input
transitions on EN (or POL) to the MOSFET turning on. The
turn-on delay can be increased with an external capacitor
added between the DELAY pin and either ground or the
VOUT pin as shown in Figures 22 and 23.
The total delay is calculated by adding the default turn-on
delay to a delta term which is calculated as follows:
Dt + KDEL *CDEL
(eq. 1)
where KDEL is a constant and CDEL is the off-chip
capacitance added between the DELAY pin to either ground
or the VOUT pin (see table below). When no external
capacitor is present, the delay will be the specified default
turn-on delay.
Slew Rate Control
The NCP4547 is equipped with controlled output slew
rate which provides soft start functionality. This limits the
inrush current caused by capacitor charging and enables this
device to be used in hot swapping applications. The slew rate
can be decreased with an external capacitor added between
the SR pin and the VOUT pin as shown in Figures 22 and 23.
The slew rate can be calculated as follows:
SR +
KSR
CSR ) CCHIP
(eq. 2)
where KSR is a constant, CSR is the off-chip capacitance
added between the SR pin and the VOUT pin, and CCHIP is
the on-chip capacitance (see table below). Note that this
equation is only valid for CSR ≥ 470 pF. When no external
capacitor is present, the slew rate will be the specified
default slew rate.
Load Bleed
The NCP4547 has an on−chip bleed resistor that can be
used to bleed the charge off of the load to ground after the
MOSFET has been disabled. In series with the bleed resistor
is a bleed switch which is enabled whenever the MOSFET
is disabled. Delays are added to the enable of this switch to
ensure that both the MOSFET and the bleed switch are not
concurrently active. The total bleed resistance can be
increased by adding a resistor between the BLEED pin and
the VOUT pin as shown in Figures 22 and 23. If the load
bleed function is not desired, the BLEED pin should be tied
to ground or left floating.
SLEW RATE AND TURN−ON DELAY
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Turn−on Delay Constant
KDEL
1.65
MW
External Delay Capacitance (Note 10)
Between DEL pin and GND
CDEL
10
nF
Slew Rate Constant
KSR
1.43
mA
External Slew Rate Capacitance (Note 10)
Between SR pin and VOUT pin
CSR
2
nF
Internal Slew Rate Capacitance
CCHIP
150
pF
External Combo Capacitance (Note 10)
Between SR & DEL pins and VOUT pin
CCOMBO
2
nF
10.Recommended range, larger values may be used but may degrade the performance of the part



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com