Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCP4547IMNTWG Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP4547IMNTWG
Description  Advanced Load Management
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4547IMNTWG Datasheet(HTML) 4 Page - ON Semiconductor

  NCP4547IMNTWG Datasheet HTML 1Page - ON Semiconductor NCP4547IMNTWG Datasheet HTML 2Page - ON Semiconductor NCP4547IMNTWG Datasheet HTML 3Page - ON Semiconductor NCP4547IMNTWG Datasheet HTML 4Page - ON Semiconductor NCP4547IMNTWG Datasheet HTML 5Page - ON Semiconductor NCP4547IMNTWG Datasheet HTML 6Page - ON Semiconductor NCP4547IMNTWG Datasheet HTML 7Page - ON Semiconductor NCP4547IMNTWG Datasheet HTML 8Page - ON Semiconductor NCP4547IMNTWG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
NCP4547
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise specified)
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
MOSFET
On−Resistance
VCC = 5.0 V; VIN = 1.8 V
RON
4.7
6.1
mW
VCC = 5.0 V; VIN = 5.0 V
4.9
6.3
VCC = 3.3 V; VIN = 1.8 V
5.1
6.5
VCC = 3.3 V; VIN = 5.0 V
5.7
7.1
Leakage Current (Note 6)
VEN = 0 V; VPOL = VCC; VIN = 6 V
ILEAK
0.03
1.0
mA
CONTROLLER
Supply Standby Current (Note 7)
VEN = 0V; VPOL = VCC = 5.5 V
ISTBY
5.0
15
mA
Supply Dynamic Current (Note 8)
VEN = VPOL = VCC
IDYN
250
500
mA
Bleed Resistance
RBLEED
50
100
200
W
Input High Voltage − EN & POL
VIH
2.0
V
Input Low Voltage − EN & POL
VIL
0.8
V
Pull Down Resistance − EN
RPD
40
100
180
kW
Pull Up Resistance − POL
RPU
40
100
180
kW
6. Average current from VIN to VOUT with MOSFET turned off.
7. Average current from VCC to GND with MOSFET turned off.
8. Average current from VCC to GND after charge up time of MOSFET.
SWITCHING CHARACTERISTICS (TJ = 25°C unless otherwise specified, Note 9)
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
VCC = 5.0 V, VIN = 1.8 V
Output Slew Rate
RL = 10 W, CL = 0.1 mF
SR
8.2
kV/s
Output Turn−on Delay
RL = 10 W, CL = 0.1 mF
TON
600
ms
Output Turn−off Delay
RL = 10 W, CL = 0.1 mF
TOFF
2.5
ms
VCC = 3.3 V, VIN = 5.0 V
Output Slew Rate
RL = 10 W, CL = 0.1 mF
SR
4.3
kV/s
Output Turn−on Delay
RL = 10 W, CL = 0.1 mF
TON
1300
ms
Output Turn−off Delay
RL = 10 W, CL = 0.1 mF
TOFF
1.1
ms
9. See below figure for Test Circuit and Timing Diagrams.
POL
EN
NCP4547
DELAY
SR
GND
BLEED
OFF ON
10%
90%
SR = DV
VEN
50%
50%
10%
90%
Figure 3. Test Circuit and Timing Diagrams
VOUT
TON
TOFF
VOUT
Dt
Dt
DV
VIN
VCC
VOUT
RL
CL



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com