Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCP4547IMNTWG Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP4547IMNTWG
Description  Advanced Load Management
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4547IMNTWG Datasheet(HTML) 2 Page - ON Semiconductor

  NCP4547IMNTWG Datasheet HTML 1Page - ON Semiconductor NCP4547IMNTWG Datasheet HTML 2Page - ON Semiconductor NCP4547IMNTWG Datasheet HTML 3Page - ON Semiconductor NCP4547IMNTWG Datasheet HTML 4Page - ON Semiconductor NCP4547IMNTWG Datasheet HTML 5Page - ON Semiconductor NCP4547IMNTWG Datasheet HTML 6Page - ON Semiconductor NCP4547IMNTWG Datasheet HTML 7Page - ON Semiconductor NCP4547IMNTWG Datasheet HTML 8Page - ON Semiconductor NCP4547IMNTWG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
NCP4547
http://onsemi.com
2
Figure 2. Pin Configuration − Top View
1
2
3
4
5
6
14
15
16
17
18
19
27: VIN
VIN
EN
POL
SR
DELAY
VOUT
VIN
VOUT
VOUT
VOUT
VOUT
VOUT
PIN DESCRIPTION
Pin
Name
Function
1, 6, 9, 10, 12,
21, 23, 24, 27
VIN
Drain of MOSFET (0.5 V − 6.0 V)
2
EN
Digital input used to turn on the MOSFET according to this truth table:
EN
POL
MOSFET
0
0On
0
1Off
3
POL
1
0Off
1
1On
EN has an internal pull down resistor to GND
POL has an internal pull up resistor to VCC
4
SR
Slew rate adjustment
5
DELAY
Turn−on delay adjustment
7, 26
GND
Controller ground
8
VCC
Supply voltage to controller (3.0 V − 5.5 V)
11, 22
VIN*
Internally floating but may be connected to VIN
13−20
VOUT
Source of MOSFET connected to load
25
BLEED
Load bleed connection



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com