Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCP4547IMNTWG Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP4547IMNTWG
Description  Advanced Load Management
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4547IMNTWG Datasheet(HTML) 3 Page - ON Semiconductor

  NCP4547IMNTWG Datasheet HTML 1Page - ON Semiconductor NCP4547IMNTWG Datasheet HTML 2Page - ON Semiconductor NCP4547IMNTWG Datasheet HTML 3Page - ON Semiconductor NCP4547IMNTWG Datasheet HTML 4Page - ON Semiconductor NCP4547IMNTWG Datasheet HTML 5Page - ON Semiconductor NCP4547IMNTWG Datasheet HTML 6Page - ON Semiconductor NCP4547IMNTWG Datasheet HTML 7Page - ON Semiconductor NCP4547IMNTWG Datasheet HTML 8Page - ON Semiconductor NCP4547IMNTWG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
NCP4547
http://onsemi.com
3
ABSOLUTE MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Supply Voltage Range
VCC
−0.3 to 6
V
Input Voltage Range
VIN
−0.3 to 6
V
Output Voltage Range
VOUT
−0.3 to 6
V
EN/POL Digital Input Range
VEN
−0.3 to (VCC + 0.3)
V
Thermal Resistance, Junction−to−Air (Note 1)
RqJA
40.5
°C/W
Thermal Resistance, Junction−to−Air (Note 2)
RqJA
28.4
°C/W
Thermal Resistance, Junction−to−Case (VIN Paddle)
RqJC
1.37
°C/W
Continuous MOSFET Current (Note 3)
IMAX
21.5
A
Total Power Dissipation @ TA = 25°C (Notes 1 and 4)
Derate above TA = 25°C
PD
1.61
24.7
W
mW/°C
Total Power Dissipation @ TA = 25°C (Notes 2 and 4)
Derate above TA = 25°C
PD
2.29
35.2
W
mW/°C
Storage Temperature Range
TSTG
−40 to 150
°C
Lead Temperature, Soldering (10 sec.)
TSLD
260
°C
ESD Capability, Human Body Model (Note 5)
ESDHBM
3.5
kV
ESD Capability, Machine Model (Note 5)
ESDMM
200
V
ESD Capability, Charged Device Model (Note 5)
ESDCDM
1
kV
Latch−up Current Immunity (Note 5)
LU
100
mA
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. Surface−mounted on FR4 board using the minimum recommended pad size, 1 oz Cu.
2. Surface−mounted on FR4 board using 1 sq−in pad, 1 oz Cu.
3. Current limited by package.
4. Specified for derating purposes only, ensure that IMAX is never exceeded.
5. Tested by the following methods @ TA = 25°C:
ESD Human Body Model tested per AEC−Q100−002 (EIA/JESD22−A114)
ESD Machine Model tested per EIA/JESD22−A115
ESD Charged Device Model per ESD−STM5.3.1−1999
Latch−up Current Maximum Rating: ≤100 mA per JEDEC standard: JESD78
OPERATING RANGES
Rating
Symbol
Min
Max
Unit
Supply Voltage
VCC
3
5.5
V
Input Voltage
VIN
0.5
6
V
Ground
GND
0
V
Ambient Temperature
TA
0
70
°C
Junction Temperature
TJ
0
90
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com