Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8260VR Datasheet(PDF) 43 Page - Motorola, Inc

Part # MPC8260VR
Description  MPC826xA (HiP4) Family Hardware Specifications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC8260VR Datasheet(HTML) 43 Page - Motorola, Inc

Back Button MPC8260VR Datasheet HTML 39Page - Motorola, Inc MPC8260VR Datasheet HTML 40Page - Motorola, Inc MPC8260VR Datasheet HTML 41Page - Motorola, Inc MPC8260VR Datasheet HTML 42Page - Motorola, Inc MPC8260VR Datasheet HTML 43Page - Motorola, Inc MPC8260VR Datasheet HTML 44Page - Motorola, Inc MPC8260VR Datasheet HTML 45Page - Motorola, Inc MPC8260VR Datasheet HTML 46Page - Motorola, Inc MPC8260VR Datasheet HTML 47Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 48 page
background image
MOTOROLA
MPC826xA (HiP4) Family Hardware Specifications
43
Package Description
1.5
Package Description
The following sections provide the package parameters and mechanical dimensions for the MPC826xA.
1.5.1
Package Parameters
Package parameters are provided in Table 21. The package type is a 37.5 x 37.5 mm, 480-lead TBGA.
Table 21. Package Parameters
Parameter
Value
Package Outline
37.5 x 37.5 mm
Interconnects
480 (29 x 29 ball array)
Pitch
1.27 mm
Nominal unmounted package height 1.55 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com