Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8260VR Datasheet(PDF) 23 Page - Motorola, Inc

Part # MPC8260VR
Description  MPC826xA (HiP4) Family Hardware Specifications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC8260VR Datasheet(HTML) 23 Page - Motorola, Inc

Back Button MPC8260VR Datasheet HTML 19Page - Motorola, Inc MPC8260VR Datasheet HTML 20Page - Motorola, Inc MPC8260VR Datasheet HTML 21Page - Motorola, Inc MPC8260VR Datasheet HTML 22Page - Motorola, Inc MPC8260VR Datasheet HTML 23Page - Motorola, Inc MPC8260VR Datasheet HTML 24Page - Motorola, Inc MPC8260VR Datasheet HTML 25Page - Motorola, Inc MPC8260VR Datasheet HTML 26Page - Motorola, Inc MPC8260VR Datasheet HTML 27Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 48 page
background image
MOTOROLA
MPC826xA (HiP4) Family Hardware Specifications
23
Clock Configuration Modes
1.3.2
PCI Mode
The MPC8265 and the MPC8266 have three clocking modes: local, PCI host, and PCI agent. The clocking
mode is set according to three input pins—PCI_MODE, PCI_CFG[0], PCI_MODCK—as shown in
Table 14.
In addition, note the following:
NOTE: PCI_MODCK
In PCI mode only, PCI_MODCK comes from the LGPL5 pin and
MODCK_H[0–3] comes from {LGPL0, LGPL1, LGPL2, LGPL3}.
NOTE: Tval (Output Hold)
The minimum Tval = 2 when PCI_MODCK = 1, and the minimum
Tval = 1 when PCI_MODCK = 0. Therefore, designers should use clock
configurations that fit this condition to achieve PCI-compliant AC timing.
NOTE
Clock configurations change only after POR is asserted.
0111_111
66 MHz
3.5
233 MHz
2
133 MHz
1000_000
66 MHz
3.5
233 MHz
2.5
166 MHz
1000_001
66 MHz
3.5
233 MHz
3
200 MHz
1000_010
66 MHz
3.5
233 MHz
3.5
233 MHz
1000_011
66 MHz
3.5
233 MHz
4
266 MHz
1000_100
66 MHz
3.5
233 MHz
4.5
300 MHz
1 Because of speed dependencies, not all of the possible configurations in Table 13 are applicable.
2 The user should choose the input clock frequency and the multiplication factors such that the frequency of the
CPU is equal to or greater than150 MHz and the CPM ranges between 66–233 MHz.
3 Input clock frequency is given only for the purpose of reference. User should set MODCK_H–MODCK_L so that
the resulting configuration does not exceed the frequency rating of the user’s part.
Table 14. MPC8265 and MPC8266 Clocking Modes
Pins
Clocking Mode
PCI Clock
Frequency Range
(MHZ)
PCI_MODE
PCI_CFG[0]
PCI_MODCK
1
—
—
Local bus
—
0
0
0
PCI host
50–66
0
0
1
25–50
0
1
0
PCI agent
50–66
0
1
1
25–50
Table 13. Clock Configuration Modes1 (Continued)
MODCK_H–MODCK[1–3]
Input Clock
Frequency2,3
CPM Multiplication
Factor2
CPM
Frequency2
Core Multiplication
Factor2
Core
Frequency2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com