Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8260VR Datasheet(PDF) 2 Page - Motorola, Inc

Part # MPC8260VR
Description  MPC826xA (HiP4) Family Hardware Specifications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC8260VR Datasheet(HTML) 2 Page - Motorola, Inc

  MPC8260VR Datasheet HTML 1Page - Motorola, Inc MPC8260VR Datasheet HTML 2Page - Motorola, Inc MPC8260VR Datasheet HTML 3Page - Motorola, Inc MPC8260VR Datasheet HTML 4Page - Motorola, Inc MPC8260VR Datasheet HTML 5Page - Motorola, Inc MPC8260VR Datasheet HTML 6Page - Motorola, Inc MPC8260VR Datasheet HTML 7Page - Motorola, Inc MPC8260VR Datasheet HTML 8Page - Motorola, Inc MPC8260VR Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
2
MPC826xA (HiP4) Family Hardware Specifications
MOTOROLA
Features
Figure 1 shows the block diagram for the MPC826, the HiP4 superset device. Shaded portions indicate
functionality that is not available on all devices; refer to the notes.
Figure 1. MPC8266 Block Diagram
1.1
Features
The major features of the MPC826xA family are as follows:
•
Dual-issue integer core
— A core version of the EC603e microprocessor
— System core microprocessor supporting frequencies of 150–300 MHz
— Separate 16-Kbyte data and instruction caches:
– Four-way set associative
– Physically addressed
– LRU replacement algorithm
— PowerPC architecture-compliant memory management unit (MMU)
— Common on-chip processor (COP) test interface
16 Kbytes
G2 Core
I-Cache
I-MMU
16 Kbytes
D-Cache
D-MMU
Communication Processor Module (CPM)
Timers
Parallel I/O
Baud Rate
Generators
32 Kbytes
32-bit RISC Microcontroller
and Program ROM
Serial
DMAs
4 Virtual
IDMAs
60x-to-PCI
Bridge2,3
Bridge
Memory Controller
Clock Counter
System Functions
System Interface Unit
(SIU)
Local Bus
32 bits, up to 83 MHz
PCI Bus2,3
32 bits, up to 66 MHz
or
MCC1
4
MCC2
FCC1
FCC2
FCC3
4
SCC1
SCC2
SCC3
SCC4
SMC1
SMC2
SPI
I2C
Serial Interface
3 MII
2 UTOPIA
Ports
Ports6
60x Bus
Microcode
IMA1,3
Dual-Port RAM
Interrupt
Controller
Time Slot Assigner
TC Layer Hardware1,3
8 TDM Ports5
Non-Multiplexed
I/O
60x-to-Local
Bus Interface Unit
Notes:
1 MPC8264
2 MPC8265
3 MPC8266
4 Not on MPC8255
5 4 TDM ports on the MPC8255
6 2 MII ports on the MPC8255



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com