Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8260VR Datasheet(PDF) 44 Page - Motorola, Inc

Part # MPC8260VR
Description  MPC826xA (HiP4) Family Hardware Specifications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC8260VR Datasheet(HTML) 44 Page - Motorola, Inc

Back Button MPC8260VR Datasheet HTML 40Page - Motorola, Inc MPC8260VR Datasheet HTML 41Page - Motorola, Inc MPC8260VR Datasheet HTML 42Page - Motorola, Inc MPC8260VR Datasheet HTML 43Page - Motorola, Inc MPC8260VR Datasheet HTML 44Page - Motorola, Inc MPC8260VR Datasheet HTML 45Page - Motorola, Inc MPC8260VR Datasheet HTML 46Page - Motorola, Inc MPC8260VR Datasheet HTML 47Page - Motorola, Inc MPC8260VR Datasheet HTML 48Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 44 / 48 page
background image
44
MPC826xA (HiP4) Family Hardware Specifications
MOTOROLA
Package Description
1.5.2
Mechanical Dimensions
Figure 15 provides the mechanical dimensions and bottom surface nomenclature of the 480 TBGA package.
Figure 15. Mechanical Dimensions and Bottom Surface Nomenclature
Dim
Millimeters
Min
Max
A
1.45
1.65
A1
0.60
0.70
A2
0.85
0.95
A3
0.25
—
b
0.65
0.85
D
37.50 BSC
D1
35.56 REF
e
1.27 BSC
E
37.50 BSC
E1
35.56 REF
Notes:
1. Dimensions and Tolerancing per
ASME Y14.5M-1994.
2. Dimensions in millimeters.
3. Dimension b is measured at the
maximum solder ball diameter,
parallel to primary data A.
4. Primary data A and the seating
plane are defined by the spherical
crowns of the solder balls.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com