Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD6830 Datasheet(PDF) 3 Page - AUK corp

Part # SD6830
Description  4BIT MICROCONTROLLER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SD6830 Datasheet(HTML) 3 Page - AUK corp

  SD6830 Datasheet HTML 1Page - AUK corp SD6830 Datasheet HTML 2Page - AUK corp SD6830 Datasheet HTML 3Page - AUK corp SD6830 Datasheet HTML 4Page - AUK corp SD6830 Datasheet HTML 5Page - AUK corp SD6830 Datasheet HTML 6Page - AUK corp SD6830 Datasheet HTML 7Page - AUK corp SD6830 Datasheet HTML 8Page - AUK corp SD6830 Datasheet HTML 9Page - AUK corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
KSI-W002-000
3
5. PIN Assignment and Description
5.1
PIN Assignment for 24PINS( DIP24, SOP24)
Figure 5-1. Pin Assignment of 24 Pins
5.2
PIN Description for 24 PINS
Symbol
Pin No.
I /O
Functions
I/O Type
VDD
24
-
Power Supply
VSS
1
-
Ground
TEST
22
INPUT
Input for test ( Normally connected to VSS )
OSCin
2
INPUT
Input for oscillating
OSCout
3
OUTPUT
Output for oscillating
C/REM
23
OUTPUT
1-Bit output for remote transmission
B
D0 - D3
5 ~ 8
INPUT
4-Bit input for key sense ( with pull-up resistor )
A
E0 - E3
9 ~ 12
INPUT
4-Bit input for key sense ( with pull-up resistor )
A
F0 - F7
20 ~ 13
OUTPUT
1-Bit individual output for key scan
C
G
4
OUTPUT
1-Bit output
D
K
21
OUTPUT
1-Bit output
D
SD6830
3
10
1
2
9
8
7
6
5
4
22
15
24
23
16
17
18
19
20
21
TEST
OSCIN
VSS
D1
D0
G
OSCOUT
D2
D3
VDD
F5
F4
F3
F2
F1
F0
C/REM
F7
F6
OUTLINE 24 PIN
12
11
E0
E1
13
14
K
E2
E3
DMC6830
SD 6830
SD6830



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com