Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD6830 Datasheet(PDF) 1 Page - AUK corp

Part # SD6830
Description  4BIT MICROCONTROLLER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SD6830 Datasheet(HTML) 1 Page - AUK corp

  SD6830 Datasheet HTML 1Page - AUK corp SD6830 Datasheet HTML 2Page - AUK corp SD6830 Datasheet HTML 3Page - AUK corp SD6830 Datasheet HTML 4Page - AUK corp SD6830 Datasheet HTML 5Page - AUK corp SD6830 Datasheet HTML 6Page - AUK corp SD6830 Datasheet HTML 7Page - AUK corp SD6830 Datasheet HTML 8Page - AUK corp SD6830 Datasheet HTML 9Page - AUK corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
KSI-W002-000
1
1. Description
SD6830 is a remote control transmitter, consists of the optimized 4-bit CPU with ROM and
RAM. It contains power-on reset, watchdog timer and carrier frequency generator. The
SD6830 provide a various carrier frequency for encoding output of key matrix and has
built-in transistor to drive infrared LED. The SD6830 is supported with a software
development tool, which allows code development in a PC environment. It allows the user
to simulate the SD6830 on an instruction level.
2. Features
• Number of basic instructions ------------------------------------- 45
• Instruction cycle time (one word instruction)
At Fsys=480KHz ---------------------------------------- 16.67uS
At Fsys=455kHz ---------------------------------------- 17.58uS
• Memory size
ROM --------------------------------------------------- 1024 x 8 Bits
RAM ------------------------------------------------------ 32 x 4 Bits
• Input ports (D0 ~ D3, E0 ~ E3 : with pull-up resistor)
• Output ports (C, G, K, F0 ~ F7)
• Carrier frequency generator
Fsys/12 (1/2 duty), Fsys/12 (1/3 duty), Fsys/12 (1/4 duty),
Fsys/8 (1/2 duty), Fsys/8 (1/4 duty), Fsys/11 (4/11 duty), No carrier
• Watchdog Timer
• Built-in power on reset
• Single power supply ------------------------------------------------ 1.8V ~ 3.6V
• Power dissipation (stop mode , VDD = 3V) -----------------------
Less than 3uW
• Package -------------------------------------------------------------
20/24 DIP, 20/24 SOP
• Low-power system applications such as an infrared remote controller
• MASK OPTION
1. Divide ratio of the oscillator frequency
2. Whether connected infrared LED driver or not
* Descriptions of this spec sheet assume that the SD6830 include driver for infrared LED.
3. Ordering Information
Type NO.
Marking
Package Code
SD6830P-option
SD6830P-option
DIP20
SD6830-option
SD6830-option
SOP20
SD6830P-option
SD6830P-option
DIP24
SD6830-option
SD6830-option
SOP24
SD6830
4BIT MICROCONTROLLER
S
Se
em
miic
co
on
nd
du
uc
ctto
or
r


Similar Part No. - SD6830

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SD6830 SILAN-SD6830 Datasheet
230Kb / 10P
CURRENT MODE PWMPFM CONTROLLER WITH BUILT-IN HIGH VOLTAGE MOSFET
Rev.:1.5
More results

Similar Description - SD6830

ManufacturerPart #DatasheetDescription
logo
Daewoo Semiconductor
DMC42C1008 DAEWOO-DMC42C1008 Datasheet
135Kb / 20P
4Bit Single Chip Microcontroller
DMC42C1106 DAEWOO-DMC42C1106 Datasheet
167Kb / 20P
4Bit Single Chip Microcontroller
DMC42C2008 DAEWOO-DMC42C2008 Datasheet
271Kb / 22P
4Bit Single Chip Microcontroller
DMC42C3008 DAEWOO-DMC42C3008 Datasheet
115Kb / 20P
4Bit Single Chip Microcontroller
DMC42C4008 DAEWOO-DMC42C4008 Datasheet
141Kb / 20P
4Bit Single Chip Microcontroller
logo
AUK corp
SD42C1008 AUK-SD42C1008 Datasheet
96Kb / 20P
4Bit Single Chip Microcontroller
SD42C4404 AUK-SD42C4404 Datasheet
86Kb / 19P
4Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
W541C200 ETC1-W541C200 Datasheet
439Kb / 15P
4BIT MICROCONTROLLER
logo
Winbond
W541E WINBOND-W541E Datasheet
236Kb / 13P
4BIT MICROCONTROLLER, 4K 횞16 ROM, 256 횞4 RAM 128 -DOT LCD
logo
Rohm
BU90LV048 ROHM-BU90LV048_11 Datasheet
434Kb / 15P
4bit LVDS Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com