Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD6830 Datasheet(PDF) 10 Page - AUK corp

Part # SD6830
Description  4BIT MICROCONTROLLER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SD6830 Datasheet(HTML) 10 Page - AUK corp

Back Button SD6830 Datasheet HTML 6Page - AUK corp SD6830 Datasheet HTML 7Page - AUK corp SD6830 Datasheet HTML 8Page - AUK corp SD6830 Datasheet HTML 9Page - AUK corp SD6830 Datasheet HTML 10Page - AUK corp SD6830 Datasheet HTML 11Page - AUK corp SD6830 Datasheet HTML 12Page - AUK corp SD6830 Datasheet HTML 13Page - AUK corp SD6830 Datasheet HTML 14Page - AUK corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
KSI-W002-000
10
6.9
I /O Ports
Port C/REM
Port C/REM is a 1-bit output port, which is related with the bit 3 of accumulator, with CMOS
N-channel open drain, which have large current sink capability, for I.R.LED drive.
This output can be configured as carrier frequency by programming the register Z and port
C data. This pin is put into the high-impedance state in stop mode.
Port D
Port D is a 4-bit input port with pull-up resistor. Forcing any input pins to “L” state, system
reset occurs and it starts to operate from the reset address.
Port E
Port E is a 4-bit input port with pull-up resistor. Forcing any input pins to
reset occurs and it starts to operate from the reset address.
Port F
Port F is an 8-bit output port with N-channel open drain. Each output which specified by the
lower 3-bit of register L can be set and reset individually. All F pins are put into the low
state in stop mode.
Port G
Port G is a 1-bit output port with N-channel open drain. When stop mode is specified, this
pin still remains in the previous state. Set this pin to appropriate state before entering
stop mode for visible LED or key scan application.
Port K
Port K is a 1-bit output port with N-channel open drain. When stop mode is specified, this
pin still remains in the previous state. Set this pin to appropriate state before entering stop
mode for visible LED or key scan application.
SD6830



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com