Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD6830 Datasheet(PDF) 4 Page - AUK corp

Part # SD6830
Description  4BIT MICROCONTROLLER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SD6830 Datasheet(HTML) 4 Page - AUK corp

  SD6830 Datasheet HTML 1Page - AUK corp SD6830 Datasheet HTML 2Page - AUK corp SD6830 Datasheet HTML 3Page - AUK corp SD6830 Datasheet HTML 4Page - AUK corp SD6830 Datasheet HTML 5Page - AUK corp SD6830 Datasheet HTML 6Page - AUK corp SD6830 Datasheet HTML 7Page - AUK corp SD6830 Datasheet HTML 8Page - AUK corp SD6830 Datasheet HTML 9Page - AUK corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
KSI-W002-000
4
5.3
PIN Assignment for 20PINS( DIP20, SOP20)
Figure 5-3. Pin Assignment of 20Pin
5.4
PIN Description for 20 PINS
Symbol
Pin No.
I /O
Functions
I/O Type
VDD
20
-
Power Supply
VSS
1
-
Ground
TEST
18
INPUT
Input for test ( Normally connected to VSS )
OSCin
2
INPUT
Input for oscillating
OSCout
3
OUTPUT
Output for oscillating
C/REM
19
OUTPUT
1-Bit output for remote transmission
B
D0 - D3
4 ~ 7
INPUT
4-Bit input for key scan ( with pull-up resistor )
A
E0 – E1
8 ~ 9
INPUT
2-Bit input for key scan ( with pull-up resistor )
A
F0 – F6
16 ~ 10
OUTPUT
1-Bit individual output for key scan
C
K
17
OUTPUT
1-Bit output
D
SD6830
3
10
1
2
9
8
7
6
5
4
18
11
20
19
12
13
14
15
16
17
TEST
OSCIN
VSS
D1
D0
OSCOUT
D2
D3
VDD
F5
F4
F3
F2
F1
F0
C/REM
F6
OUTLINE 20 PIN
E0
E1
DMC6830
K
SD 6830
SD6830



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com