Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS7140 Datasheet(PDF) 11 Page - ON Semiconductor

Part # FS7140
Description  Programmable Phase-Locked Loop Clock Generator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FS7140 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button FS7140 Datasheet HTML 7Page - ON Semiconductor FS7140 Datasheet HTML 8Page - ON Semiconductor FS7140 Datasheet HTML 9Page - ON Semiconductor FS7140 Datasheet HTML 10Page - ON Semiconductor FS7140 Datasheet HTML 11Page - ON Semiconductor FS7140 Datasheet HTML 12Page - ON Semiconductor FS7140 Datasheet HTML 13Page - ON Semiconductor FS7140 Datasheet HTML 14Page - ON Semiconductor FS7140 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
FS7140, FS7145
http://onsemi.com
11
Programming Information
All register bits are cleared to zero on power−up. All register bits may be read back as written.
Table 7. FS7140 REGISTER MAP
Address
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
Byte 7
Reserved
(Bit 63)
Must be set
to “0”
Reserved
(Bit 62)
Must be set
to “0”
Reserved
(Bit 61)
Must be set
to “0”
Reserved
(Bit 60)
Must be set
to “0”
Reserved
(Bit 59)
Must be set
to “0”
Reserved
(Bit 58)
Must be set
to “0”
Reserved
(Bit 57)
Must be set
to “0”
Reserved
(Bit 56)
Must be set
to “0”
Byte 6
Reserved
(Bit 55)
Must be set
to “0”
Reserved
(Bit 54)
Must be set
to “0”
SHUT2
(Bit 53)
0 = Normal
1 = Powered
down
Reserved
(Bit 52)
Must be set
to “0”
Reserved
(Bit 51)
Must be set
to “0”
Reserved
(Bit 50)
Must be set
to “0”
Reserved
(Bit 49)
Must be set
to “0”
Reserved
(Bit 48)
Must be set
to “0”
Byte 5
Reserved
(Bit 47)
Must be set
to “0”
LC
(Bit 46)
Loop filter
cap select
LR[1]
(Bit 45)
LR[0]
(Bit 44)
Reserved
(Bit 43)
Must be set
to “0”
Reserved
(Bit 42)
Must be set
to “0”
CP[1]
(Bit 41)
CP[0]
(Bit 40)
Loop filter resistor select
Charge pump current select
Byte 4
CMOS
(Bit 39)
0 = PECL
1 = CMOS
FBKDSRC
(Bit 38)
0 = VCO
output
1 = Post
divider output
FBKDIV[13]
(Bit 37)
8192
FBKDIV[12]
(Bit 36)
4096
FBKDIV[11]
(Bit 35)
2048
FBKDIV[10]
(Bit 34)
1024
FBKDIV[9]
(Bit 33)
512
FBKDIV[8]
(Bit 32)
256
See the Feedback Divider section for disallowed FBKDIV values
Byte 3
FBKDIV[7]
(Bit 31)
128
FBKDIV[6]
(Bit 30)
64
FBKDIV[5]
(Bit 29)
32
FBKDIV[4]
(Bit 28)
16
FBKDIV[3]
(Bit 27)
8
FBKDIV[2]
(Bit 26)
4
FBKDIV[1]
(Bit 25)
2
FBKDIV[0]
(Bit 24)
1
See the Feedback Divider section for disallowed FBKDIV values
Byte 2
POST2[3]
(Bit 23)
POST2[2]
(Bit 22)
POST2[1]
(Bit 21)
POST2[0]
(Bit 20)
POST1[3]
(Bit 19)
POST1[2]
(Bit 18)
POST1[1]
(Bit 17)
POST1[0]
(Bit 16)
Modulus = N + 1 (N = 0 to 11); See Table 12
Modulus = N + 1 (N = 0 to 11); See Table 12
Byte 1
POST3[1]
(Bit 15)
POST3[0]
(Bit 14)
SHUT1
(Bit 13)
0 = Normal
1 = Powered
down
REFDSRC
(Bit 12)
0 = Crystal
oscillator
1 = REF pin
REFDIV[11]
(Bit 11)
2048
REFDIV[10]
(Bit 10)
1024
REFDIV[9]
(Bit 9)
512
REFDIV[8]
(Bit 8)
256
Modulus = 1, 2, 4 or 8;
See Table 12
Byte 0
REFDIV[7]
(Bit 7)
128
REFDIV[6]
(Bit 6)
64
REFDIV[5]
(Bit 5)
32
REFDIV[4]
(Bit 4)
16
REFDIV[3]
(Bit 3)
8
REFDIV[2]
(Bit 2)
4
REFDIV[1]
(Bit 1)
2
REFDIV[0]
(Bit 0)
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com