Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS7140 Datasheet(PDF) 4 Page - ON Semiconductor

Part # FS7140
Description  Programmable Phase-Locked Loop Clock Generator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FS7140 Datasheet(HTML) 4 Page - ON Semiconductor

  FS7140 Datasheet HTML 1Page - ON Semiconductor FS7140 Datasheet HTML 2Page - ON Semiconductor FS7140 Datasheet HTML 3Page - ON Semiconductor FS7140 Datasheet HTML 4Page - ON Semiconductor FS7140 Datasheet HTML 5Page - ON Semiconductor FS7140 Datasheet HTML 6Page - ON Semiconductor FS7140 Datasheet HTML 7Page - ON Semiconductor FS7140 Datasheet HTML 8Page - ON Semiconductor FS7140 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
FS7140, FS7145
http://onsemi.com
4
Table 4. DC ELECTRICAL SPECIFICATIONS (Note 1)
Parameter
Symbol
Conditions/Description
Min
Typ
Max
Units
OVERALL
Supply current, dynamic
IDD
CMOS mode; FXTAL = 15 MHz; FVCO
= 400 MHz; FCLK = 200 MHz; does
not include load current
35
mA
Supply current, static
IDDL
SHUT1, SHUT2 bit both “1”
400
700
mA
SERIAL COMMUNICATION I/O (SDA, SCL)
High−level input voltage
VIH
0.8*VDD
V
Low−level input voltage
VIL
0.2*VDD
V
Hysteresis voltage
Vhys
0.33*VDD
V
Input leakage current
II
SDA, SCL in read condition
−10
+10
mA
Low−level output sink current (SDA)
IOL
SDA in acknowledge condition;
VSDA = 0.4 V
5
14
mA
ADDRESS SELECT INPUT (ADDR0, ADDR1)
High−level input voltage
VIH
VDD−1.0
V
Low−level input voltage
VIL
0.8
V
High−level input current (pull−down)
IIH
VADDRx = VDD
30
mA
Low−level input current
IIL
VADDRx = 0 V
−1
1
mA
REFERENCE FREQUENCY INPUT (REF)
High−level input voltage
VIH
VDD−1.0
V
Low−level input voltage
VIL
0.8
V
High−level input current
IIH
VREF = VDD
−1
1
mA
Low−level input current (pull−down)
IIL
VREF = 0 V
−30
mA
SYNC CONTROL INPUT (SYNC)
High−level input voltage
VIH
VDD−1.0
V
Low−level input voltage
VIL
0.8
V
High−level input current
IIH
VREF = VDD
−1
1
mA
Low−level input current (pull−down)
IIL
VREF = 0 V
−30
mA
CRYSTAL OSCILLATOR INPUT (XIN)
Threshold bias voltage
VTH
VDD/2
V
High−level input current
IIH
VXIN = VDD
40
mA
Low−level input current
IIL
VXIN = GND
−40
mA
Crystal frequency
FX
Fundamental mode
35
MHz
Recommended crystal load
capacitance*
CL(XTAL)
For best matching with internal crystal
oscillator load
16−18
pF
CRYSTAL OSCILLATOR OUTPUT (XOUT)
High−level output source current
IOH
VXOUT = 0
−8.5
mA
Low−level output sink current
IOL
VXOUT = VDD
11
mA
PECL CURRENT PROGRAM I/O (IPRG)
Low−level input current
IIL
VIPRG = 0 V; PECL mode
−10
10
mA
CLOCK OUTPUTS, CMOS MODE (CLKN, CLKP)
High−level output source current
IOH
VO = 2.0 V
19
mA
1. Unless otherwise stated, VDD = 3.3 V ± 10%, no load on any output, and ambient temperature range TA = 0°C to 70°C. Parameters denoted
with an asterisk (*) represent nominal characterization data and are not production tested to any specific limits. MIN and MAX characteriza-
tion data are ± 3s from typical. Negative currents indicate flows out of the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com