Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS7140 Datasheet(PDF) 13 Page - ON Semiconductor

Part # FS7140
Description  Programmable Phase-Locked Loop Clock Generator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FS7140 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button FS7140 Datasheet HTML 9Page - ON Semiconductor FS7140 Datasheet HTML 10Page - ON Semiconductor FS7140 Datasheet HTML 11Page - ON Semiconductor FS7140 Datasheet HTML 12Page - ON Semiconductor FS7140 Datasheet HTML 13Page - ON Semiconductor FS7140 Datasheet HTML 14Page - ON Semiconductor FS7140 Datasheet HTML 15Page - ON Semiconductor FS7140 Datasheet HTML 16Page - ON Semiconductor FS7140 Datasheet HTML 17Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
FS7140, FS7145
http://onsemi.com
13
Table 9. DEVICE CONFIGURATION BITS
Name
Description
REFDSRC
Reference divider source
[0] = crystal oscillator / [1] = REF pin
FBKDSRC
Feedback divider source
[0] = VCO output / [1] = post divider output
SHUT1
Shutdown1
[0] = normal / [1] = powered down
SHUT2
Shutdown2
[0] = normal / [1] = powered down
CMOS
CLKP/CLKN output mode
[0] = PECL output / [1] CMOS output
Table 10. MAIN LOOP TUNING BITS
Name
Description
CP[1:0]
Charge pump current
[00]
2.0 mA
[01]
4.5 mA
[10]
11.0 mA
[11]
22.5 mA
LR[1:0]
Loop filter resistor select
[00]
400 KW
[01]
133 KW
[10]
30 KW
[11]
12 KW
LC
Loop filter capacitor select
[0]
185 pF
[1]
500 pF
Table 11. PLL DIVIDER CONTROL BITS
Name
Description
REFDIV[11:0]
Reference divider (NR)
FBKDIV[13:0]
Feedback divider (NR)
Table 12. SYNC CONTROL BITS (FS7145 only)
Name
Description
SYNCEN
Sync enable
[0] = disabled / [1] = enabled
SYNCPOL
Sync polarity
[0] = negative edge / [1] = positive edge
Table 13. POST DIVIDER CONTROL BITS
Name
Description
POST1[3:0]
Post divider #1 (NP1) modulus
[0000]
1
[0001]
2
[0010]
3
[0011]
4
[0100]
5
[0101]
6
[0110]
7
[0111]
8
[1000]
9
[1001]
10
[1010]
11
[1011]
12
[1100]
Do not use
[1101]
[1110]
[1111]
POST2[3:0]
Post divider #2 (NP2) modulus
[0000]
1
[0001]
2
[0010]
3
[0011]
4
[0100]
5
[0101]
6
[0110]
7
[0111]
8
[1000]
9
[1001]
10
[1010]
11
[1011]
12
[1100]
Do not use
[1101]
[1110]
[1111]
POST3[1:0]
Post divider #3 (NP3) modulus
[00]
1
[01]
2
[10]
4
[11]
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com