Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS7140 Datasheet(PDF) 3 Page - ON Semiconductor

Part # FS7140
Description  Programmable Phase-Locked Loop Clock Generator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FS7140 Datasheet(HTML) 3 Page - ON Semiconductor

  FS7140 Datasheet HTML 1Page - ON Semiconductor FS7140 Datasheet HTML 2Page - ON Semiconductor FS7140 Datasheet HTML 3Page - ON Semiconductor FS7140 Datasheet HTML 4Page - ON Semiconductor FS7140 Datasheet HTML 5Page - ON Semiconductor FS7140 Datasheet HTML 6Page - ON Semiconductor FS7140 Datasheet HTML 7Page - ON Semiconductor FS7140 Datasheet HTML 8Page - ON Semiconductor FS7140 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
FS7140, FS7145
http://onsemi.com
3
ELECTRICAL SPECIFICATIONS
Table 2. ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Min
Typ
Max
Units
VDD
Supply voltage, dc (VSS = ground)
VSS − 0.5
4.5
V
V1
Input voltage, dc
VSS − 0.5
VDD + 0.5
V
VO
Output voltage, dc
VSS − 0.5
VDD + 0.5
V
IIK
Input clamp current, dc (VI < 0 or VI > VDD)
−50
50
mA
IOK
Output clamp current, dc (VI < 0 or VI > VDD)
−50
50
mA
TS
Storage temperature range (non−condensing)
−65
150
°C
TA
Ambient temperature range, under bias
−55
125
°C
TJ
Junction temperature
150
°C
Re−flow solder profile
Per IPC/JEDEC J−STD−020B
Input static discharge voltage protection
(MIL−STD 883E, Method 3015.7)
2
kV
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
WARNING: ELECTROSTATIC SENSITIVE DEVICE
Permanent damage resulting in a loss of functionality or performance may occur if this device is subjected to
a high-energy electrostatic discharge.
Table 3. OPERATING CONDITIONS
Symbol
Parameter
Min
Typ
Max
Units
VDD
Supply voltage
3.0
3.3
3.6
V
TA
Ambient operating temperature range
0
70
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com