Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NGW-WSG Datasheet(PDF) 3 Page - DOMINANT Semiconductors

Part # NGW-WSG
Description  Super high brightness surface mount LED
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

NGW-WSG Datasheet(HTML) 3 Page - DOMINANT Semiconductors

  NGW-WSG Datasheet HTML 1Page - DOMINANT Semiconductors NGW-WSG Datasheet HTML 2Page - DOMINANT Semiconductors NGW-WSG Datasheet HTML 3Page - DOMINANT Semiconductors NGW-WSG Datasheet HTML 4Page - DOMINANT Semiconductors NGW-WSG Datasheet HTML 5Page - DOMINANT Semiconductors NGW-WSG Datasheet HTML 6Page - DOMINANT Semiconductors NGW-WSG Datasheet HTML 7Page - DOMINANT Semiconductors NGW-WSG Datasheet HTML 8Page - DOMINANT Semiconductors NGW-WSG Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
NGW-WSG, White Color Grouping
Chromaticity coordinate groups are measured with an accuracy of ± 0.01.
Bin
1A
1R
2A
2R
3A
3R
1B
1S
2B
2S
0.3048
0.3207
0.3068
0.3113
0.3215
0.3350
0.3222
0.3243
0.3371
0.3490
0.3366
0.3369
0.3028
0.3304
0.3005
0.3415
0.3207
0.3462
0.3196
0.3602
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
0.3130
0.3290
0.3144
0.3186
0.3290
0.3417
0.3290
0.3300
0.3451
0.3554
0.3440
0.3428
0.3115
0.3391
0.3099
0.3509
0.3290
0.3538
0.3290
0.3690
0.3144
0.3186
0.3161
0.3059
0.3290
0.3300
0.3290
0.3180
0.3440
0.3427
0.3429
0.3307
0.3130
0.3290
0.3115
0.3391
0.3290
0.3417
0.3290
0.3538
0.3068
0.3113
0.3093
0.2993
0.3222
0.3243
0.3231
0.3120
0.3366
0.3369
0.3361
0.3245
0.3048
0.3207
0.3028
0.3304
0.3215
0.3350
0.3207
0.3462
1
2
3
4
White Bin Structure
60 InGaN White: NGW-WSG
DOMINANT
Opto Technologies
Innovating Illumination
TM
11/03/2014 V4.0
0.2900
0.3000
0.3100
0.3200
0.3300
0.3400
0.3500
0.3600
0.3700
0.3800
0.3900
0.4000
1S
1B
1A
1R
1T
1C
1D
1U
2S
2B
2A
2R
2T
2C
2D
2U
3S
3B
3A
3R
6500K
5700K
5000K
3T
3C
3D
3U
BBL
0.2800
0.2800
0.2900
0.3000
0.3100
0.3200
0.3300
0.3400
0.3500
0.3600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com