Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NGW-WSG Datasheet(PDF) 1 Page - DOMINANT Semiconductors

Part # NGW-WSG
Description  Super high brightness surface mount LED
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

NGW-WSG Datasheet(HTML) 1 Page - DOMINANT Semiconductors

  NGW-WSG Datasheet HTML 1Page - DOMINANT Semiconductors NGW-WSG Datasheet HTML 2Page - DOMINANT Semiconductors NGW-WSG Datasheet HTML 3Page - DOMINANT Semiconductors NGW-WSG Datasheet HTML 4Page - DOMINANT Semiconductors NGW-WSG Datasheet HTML 5Page - DOMINANT Semiconductors NGW-WSG Datasheet HTML 6Page - DOMINANT Semiconductors NGW-WSG Datasheet HTML 7Page - DOMINANT Semiconductors NGW-WSG Datasheet HTML 8Page - DOMINANT Semiconductors NGW-WSG Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
11/03/2014 V4.0
1
Features:
> Super high brightness surface mount LED
> 120° viewing angle.
> Compact package outline (LxW) of 4.0 x 1.4 mm.
> Ultra low height profile - 0.7mm.
> Low thermal resistance.
> Compatible to IR reflow soldering.
> Environmental friendly; RoHS compliance.
> Good colour rendering index; CRI min 70.
Primax
Synonymous with function and performance, enter the Primax, the new
era of high intensity illumination in LED. With its high flux output and high
luminous intensity, Primax transcends today LED lightings technology
and how we perceive it.
DATA SHEET :
PrimaxN4014
60 InGaN White : NGW-WSG
All rights reserved. Product specifications are subject to change without notice.
Applications:
> Lighting: garden light, architecture lighting, general lighting. etc
> Backlighting (TFT LCD display), flash light, architectural lighting.
DOMINANT
Opto Technologies
Innovating Illumination
TM


Similar Part No. - NGW-WSG

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
NGW40T65M3DFP NEXPERIA-NGW40T65M3DFP Datasheet
263Kb / 16P
650 V, 40 A trench field-stop IGBT with full rated silicon diode
Rev. 1 - 28 June 2024
NGW50T65H3DFP NEXPERIA-NGW50T65H3DFP Datasheet
367Kb / 16P
650 V, 50 A high speed trench field-stop IGBT with full rated silicon diode
Rev. 1 - 28 June 2024
More results

Similar Description - NGW-WSG

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DPF-EJG-3ZCA-1 DOMINANT-DPF-EJG-3ZCA-1 Datasheet
1Mb / 17P
Super high brightness surface mount LED
MAF-PSC DOMINANT-MAF-PSC Datasheet
1Mb / 17P
Super high brightness surface mount LED
MAW-KZHG DOMINANT-MAW-KZHG Datasheet
1Mb / 14P
Super high brightness surface mount LED
MAW-PSC DOMINANT-MAW-PSC Datasheet
1Mb / 13P
Super high brightness surface mount LED
MAW-YZHG DOMINANT-MAW-YZHG Datasheet
1,014Kb / 15P
Super high brightness surface mount LED
MAX-PHG DOMINANT-MAX-PHG Datasheet
910Kb / 13P
Super high brightness surface mount LED
MBFF-FSC DOMINANT-MBFF-FSC Datasheet
1Mb / 18P
Super high brightness surface mount LED
NAX-PHG DOMINANT-NAX-PHG Datasheet
883Kb / 13P
Super high brightness surface mount LED
NSW-FSC DOMINANT-NSW-FSC Datasheet
1Mb / 15P
Super high brightness surface mount LED
NSW-FSCR9S-1 DOMINANT-NSW-FSCR9S-1 Datasheet
1Mb / 15P
Super high brightness surface mount LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com