Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NGW-WSG Datasheet(PDF) 11 Page - DOMINANT Semiconductors

Part # NGW-WSG
Description  Super high brightness surface mount LED
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

NGW-WSG Datasheet(HTML) 11 Page - DOMINANT Semiconductors

Back Button NGW-WSG Datasheet HTML 6Page - DOMINANT Semiconductors NGW-WSG Datasheet HTML 7Page - DOMINANT Semiconductors NGW-WSG Datasheet HTML 8Page - DOMINANT Semiconductors NGW-WSG Datasheet HTML 9Page - DOMINANT Semiconductors NGW-WSG Datasheet HTML 10Page - DOMINANT Semiconductors NGW-WSG Datasheet HTML 11Page - DOMINANT Semiconductors NGW-WSG Datasheet HTML 12Page - DOMINANT Semiconductors NGW-WSG Datasheet HTML 13Page - DOMINANT Semiconductors NGW-WSG Datasheet HTML 14Page - DOMINANT Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
Packaging Specification
Average 1pc PrimaxN4014
1 completed bag (2000pcs)
0.034
190 ± 10
Weight (gram)
Cardboard
Box
For PrimaxN4014
Weight (gram)
0.0108
150 ± 10
DOMINANT TM
D/C: date code
S/N : serial no
GROUP : group
QTY : product quantity per reel
PART NO : partno
LOT NO : lotno
Moisture sensitivity level
Moisture absorbent material +
Moisture indicator
The reel, moisture absorbent material and moisture indicator are
sealed inside the moisture proof foil bag
Reel
Barcode label
DOMINANT
ROHS Compliant
PB Free
Label
Dimensions (mm)
Empty Box
Weight (kg)
300 x 250 x 250
416 x 516 x 476
15 reels MAX
96 reels MAX
Small
Large
Reel / Box
Quantity / Box (pcs)
Cardboard Box
Size
0.58
1.74
30,000 MAX
192,000 MAX
60 InGaN White: NGW-WSG
DOMINANT
Opto Technologies
Innovating Illumination
TM
11/03/2014 V4.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com