Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NGW-WSG Datasheet(PDF) 5 Page - DOMINANT Semiconductors

Part # NGW-WSG
Description  Super high brightness surface mount LED
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

NGW-WSG Datasheet(HTML) 5 Page - DOMINANT Semiconductors

  NGW-WSG Datasheet HTML 1Page - DOMINANT Semiconductors NGW-WSG Datasheet HTML 2Page - DOMINANT Semiconductors NGW-WSG Datasheet HTML 3Page - DOMINANT Semiconductors NGW-WSG Datasheet HTML 4Page - DOMINANT Semiconductors NGW-WSG Datasheet HTML 5Page - DOMINANT Semiconductors NGW-WSG Datasheet HTML 6Page - DOMINANT Semiconductors NGW-WSG Datasheet HTML 7Page - DOMINANT Semiconductors NGW-WSG Datasheet HTML 8Page - DOMINANT Semiconductors NGW-WSG Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
4Z
CA
DA
6370.0 ... 7150.0
7150.0 ... 8070.0
8070.0 ... 9000.0
Brightness Group
Luminous Intensity
IV (mcd)
Luminous intensity is measured with an accuracy of ± 11%.
Luminous Intensity Group
60 InGaN White: NGW-WSG
DOMINANT
Opto Technologies
Innovating Illumination
TM
11/03/2014 V4.0
Group
Wavelength distribution (nm)
Forward Voltage (V)
Vf Binning
Vf Bin @ 60mA
Forward voltage, Vf is measured with an accuracy of ± 0.1 V.
V1
V2
V3
V4
V5
V6
V7
2.90 ... 3.00
3.00 ... 3.10
3.10 ... 3.20
3.20 ... 3.30
3.30 ... 3.40
3.40 ... 3.50
3.50 ... 3.60
19.6
22.1
24.8
Luminous Flux IV (lm)
Typ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com