Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX8052F151 Datasheet(PDF) 49 Page - ON Semiconductor

Part # AX8052F151
Description  SoC Ultra-Low Power RF-Microcontroller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX8052F151 Datasheet(HTML) 49 Page - ON Semiconductor

Back Button AX8052F151 Datasheet HTML 43Page - ON Semiconductor AX8052F151 Datasheet HTML 44Page - ON Semiconductor AX8052F151 Datasheet HTML 45Page - ON Semiconductor AX8052F151 Datasheet HTML 46Page - ON Semiconductor AX8052F151 Datasheet HTML 47Page - ON Semiconductor AX8052F151 Datasheet HTML 48Page - ON Semiconductor AX8052F151 Datasheet HTML 49Page - ON Semiconductor AX8052F151 Datasheet HTML 50Page - ON Semiconductor AX8052F151 Datasheet HTML 51Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 49 / 51 page
background image
QFN40 Package Information
www.onsemi.com
AX8052F151
49
8.3. QFN40 Recommended Pad Layout
1.
PCB land and solder masking recommendations are shown in Figure 11.
A = Clearance from PCB thermal pad to solder mask opening,
0.0635 mm minimum
B = Clearance from edge of PCB thermal pad to PCB land, 0.2
mm minimum
C = Clearance from PCB land edge to solder mask opening to be
as tight as possible to ensure that some solder mask remains
between PCB pads
D = PCB land length = QFN solder pad length + 0.1mm
E = PCB land width = QFN solder pad width + 0.1 mm
Figure 11 PCB land and solder mask recommendations
2.
Thermal vias should be used on the PCB thermal pad (middle ground pad) to improve thermal
conductivity from the device to a copper ground plane area on the reverse side of the printed
circuit board. The number of vias depends on the package thermal requirements, as
determined by thermal simulation or actual testing.
3.
Increasing the number of vias through the printed circuit board will improve the thermal
conductivity to the reverse side ground plane and external heat sink. In general, adding more
metal through the PC board under the IC will improve operational heat transfer, but will
require careful attention to uniform heating of the board during assembly.
8.4. Assembly Process
Stencil Design & Solder Paste Application
1.
Stainless steel stencils are recommended for solder paste application.
2.
A stencil thickness of 0.125 – 0.150 mm (5 – 6 mils) is recommended for screening.
3.
For the PCB thermal pad, solder paste should be printed on the PCB by designing a stencil
with an array of smaller openings that sum to 50% of the QFN exposed pad area. Solder
paste should be applied through an array of squares (or circles) as shown in Figure 12.
4.
The aperture opening for the signal pads should be between 50-80% of the QFN pad area as
shown in Figure 13.
5.
Optionally, for better solder paste release, the aperture walls should be trapezoidal and the
corners rounded.
6.
The fine pitch of the IC leads requires accurate alignment of the stencil and the printed circuit
board. The stencil and printed circuit assembly should be aligned to within + 1 mil prior to
application of the solder paste.
7.
No-clean flux is recommended since flux from underneath the thermal pad will be difficult to
clean if water-soluble flux is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com