Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX8052F151 Datasheet(PDF) 21 Page - ON Semiconductor

Part # AX8052F151
Description  SoC Ultra-Low Power RF-Microcontroller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX8052F151 Datasheet(HTML) 21 Page - ON Semiconductor

Back Button AX8052F151 Datasheet HTML 17Page - ON Semiconductor AX8052F151 Datasheet HTML 18Page - ON Semiconductor AX8052F151 Datasheet HTML 19Page - ON Semiconductor AX8052F151 Datasheet HTML 20Page - ON Semiconductor AX8052F151 Datasheet HTML 21Page - ON Semiconductor AX8052F151 Datasheet HTML 22Page - ON Semiconductor AX8052F151 Datasheet HTML 23Page - ON Semiconductor AX8052F151 Datasheet HTML 24Page - ON Semiconductor AX8052F151 Datasheet HTML 25Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 51 page
background image
Specifications
www.onsemi.com
AX8052F151
21
Low Frequency Crystal Oscillator
SYMBOL
DESCRIPTION
CONDITION
MIN
TYP
MAX
UNIT
fLPXTAL
Crystal frequency
32
150
kHz
gmlpxosc
Transconductance oscillator
LPXOSCGM=00110
3.5
µ
S
LPXOSCGM=01000
4.6
LPXOSCGM=01100
6.9
LPXOSCGM=10000
9.1
RINlpxosc
Input DC impedance
10
MΩ
Internal Low Power Oscillator
SYMBOL
DESCRIPTION
CONDITION
MIN
TYP
MAX
UNIT
fLPOSC
Oscillation Frequency
LPOSCFAST=0
Factory calibration
applied.
Over the full
voltage and
temperature range
630
640
650
Hz
LPOSCFAST=1
Factory calibration
applied.
Over the full
voltage and
temperature range
10.08
10.24
10.39
kHz
Internal RC Oscillator
SYMBOL
DESCRIPTION
CONDITION
MIN
TYP
MAX
UNIT
FFRCOSC
Oscillation Frequency
Factory calibration
applied.
Over the full
temperature and
voltage range
19.8
20
20.2
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com