Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX8052F151 Datasheet(PDF) 13 Page - ON Semiconductor

Part # AX8052F151
Description  SoC Ultra-Low Power RF-Microcontroller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX8052F151 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button AX8052F151 Datasheet HTML 9Page - ON Semiconductor AX8052F151 Datasheet HTML 10Page - ON Semiconductor AX8052F151 Datasheet HTML 11Page - ON Semiconductor AX8052F151 Datasheet HTML 12Page - ON Semiconductor AX8052F151 Datasheet HTML 13Page - ON Semiconductor AX8052F151 Datasheet HTML 14Page - ON Semiconductor AX8052F151 Datasheet HTML 15Page - ON Semiconductor AX8052F151 Datasheet HTML 16Page - ON Semiconductor AX8052F151 Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 51 page
background image
Specifications
www.onsemi.com
AX8052F151
13
TXvarvdd
Variation of output power
over voltage
VDD_IO>2.5V, note 2
+/-
0.5
dB
TXvartemp
Variation of output power
over temperature
VDD_IO>2.5V, note 2
+/-
0.5
dB
IMCU
Microcontroller running
power consumption
All peripherals disabled
150
μA/
MHz
IVSUP
Voltage supervisor
Run and standby mode
85
μA
IXTALOSC
Crystal oscillator current
(RF reference oscillator)
16 MHz
160
μA
ILFXTALOSC
Low frequency crystal
oscillator current
32 kHz
700
nA
IRCOSC
Internal oscillator current
20 MHz
210
μA
ILPOSC
Internal Low Power
Oscillator current
10 kHz
650
nA
640 Hz
210
nA
IADC
ADC current
311 kSample/s, DMA 5 MHz
1.1
mA
IWOR
Typical wake-on-radio duty
cycle current
1s, 100 kbps
6
μA
Notes:
1. If VDD_IO ramps cannot be guaranteed, an external reset circuit is recommended, see the AX8052 Application Note: Power On Reset.
2. The PA voltage is regulated to 2.5 V. For VDD_IO levels in the range of 2.2 V to 2.5 V the output power drops by typically 1 dBm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com