Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX8052F151 Datasheet(PDF) 39 Page - ON Semiconductor

Part # AX8052F151
Description  SoC Ultra-Low Power RF-Microcontroller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX8052F151 Datasheet(HTML) 39 Page - ON Semiconductor

Back Button AX8052F151 Datasheet HTML 35Page - ON Semiconductor AX8052F151 Datasheet HTML 36Page - ON Semiconductor AX8052F151 Datasheet HTML 37Page - ON Semiconductor AX8052F151 Datasheet HTML 38Page - ON Semiconductor AX8052F151 Datasheet HTML 39Page - ON Semiconductor AX8052F151 Datasheet HTML 40Page - ON Semiconductor AX8052F151 Datasheet HTML 41Page - ON Semiconductor AX8052F151 Datasheet HTML 42Page - ON Semiconductor AX8052F151 Datasheet HTML 43Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 51 page
background image
Transceiver
www.onsemi.com
AX8052F151
39
The encoder is programmed using the register
AX5051_ENCODING, details and
recommendations on usage are given in the AX5051 Programming Manual.
6.6. Framing and FIFO
Most radio systems today group data into packets. The framing unit is responsible for converting
these packets into a bit-stream suitable for the modulator, and to extract packets from the
continuous bit-stream arriving from the demodulator.
The Framing unit supports four different modes:
•
HDLC
•
Raw
•
Raw with Preamble Match
•
802.15.4 compliant
The microcontroller communicates with the framing unit through a 4 level × 10 bit FIFO. The FIFO
decouples microcontroller timing from the radio (modulator and demodulator) timing. The bottom
8 bits of the FIFO contain transmit or receive data. The top 2 bit are used to convey meta
information in HDLC and 802.15.4 modes. They are unused in Raw and Raw with Preamble Match
modes. The meta information consists of packet begin / end information and the result of CRC
checks.
The framing unit contains one FIFO. Its direction is switched depending on whether transmit or
receive mode is selected.
The FIFO can be operated in polled or interrupt driven modes. In polled mode, the microcontroller
must periodically read the FIFO status register or the FIFO count register to determine whether the
FIFO needs servicing.
In interrupt mode EMPTY, NOT EMPTY, FULL, NOT FULL and programmable level interrupts are
provided. Interrupts are acknowledged by removing the cause for the interrupt, i.e. by emptying or
filling the FIFO.
To lower the interrupt load on the microcontroller, one of the DMA channels may be instructed to
transfer data between the transceiver FIFO and the XRAM memory. This way, much larger buffers
can be realized in XRAM, and interrupts need only be serviced if the larger XRAM buffers fill or
empty.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com