Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

286C6116FSC Datasheet(PDF) 1 Page - Zilog, Inc.

Part # 286C6116FSC
Description  CMOS Z8 MICROCONTROLLER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

286C6116FSC Datasheet(HTML) 1 Page - Zilog, Inc.

  286C6116FSC Datasheet HTML 1Page - Zilog, Inc. 286C6116FSC Datasheet HTML 2Page - Zilog, Inc. 286C6116FSC Datasheet HTML 3Page - Zilog, Inc. 286C6116FSC Datasheet HTML 4Page - Zilog, Inc. 286C6116FSC Datasheet HTML 5Page - Zilog, Inc. 286C6116FSC Datasheet HTML 6Page - Zilog, Inc. 286C6116FSC Datasheet HTML 7Page - Zilog, Inc. 286C6116FSC Datasheet HTML 8Page - Zilog, Inc. 286C6116FSC Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
1
Z86C61/62/96
Z8® MICROCONTROLLER
PRODUCT SPECIFICATION
Z86C61/62/96
CMOS Z8®
MICROCONTROLLER
FEATURES
s
8-Bit CMOS Microcontroller
s
40-Pin DIP, 44-Pin PLCC, 64-Pin DIP, or
68-Pin PLCC Package
s
32 Input/Output Lines (Z86C61 Only)
s
52 Input/Output Lines (Z86C62 and Z86C96)
s
3.0V to 5.5V Operating Range
s
Low Power Consumption: 200 mW (max)
s
Fast Instruction Pointer: 0.75
µs @ 16 MHz
s
Two Standby Modes: STOP and HALT
s
Full-Duplex UART
s
All Digital Inputs are TTL Levels
GENERAL DESCRIPTION
The Z86C61/62/96 microcontroller is a member of the Z8
single-chip microcontroller family with 16 Kbytes of ROM
and 256 bytes of RAM. The Z86C96 is ROMless.
The Z86C61 is offered in 40-pin DIP and 44-pin PLCC style
packages, however, the ROMless pin option is available
on the 44-pin version only. The Z86C62/96 is offered in 64-
pin DIP and 68-pin PLCC style packages. A ROMless pin
option enables these MCUs to address both external
memory and preprogrammed ROM, making them well-
suited for high-volume applications or where code flexibil-
ity is required.
With 16 Kbytes of ROM and 256 bytes of general-purpose
RAM, these low-cost, low power consumption CMOS
Z86C61/62/96 MCUs offer fast execution, efficient use of
memory, sophisticated interrupts, input/output bit manipu-
lation capabilities, and easy hardware/software system
expansion.
The Z86C61/62/96 architecture is characterized by Zilog’s
8-bit microcontroller core. The device offers a flexible I/O
scheme, an efficient register and address space structure,
multiplexed capabilities between address/data, I/O, and a
number of ancillary features that are useful in many indus-
trial and advanced scientific applications.
For applications which demand powerful I/O capabilities,
the Z86C61 fulfills this with 32 pins dedicated to input and
output. These lines are grouped into four ports with eight
lines each. The Z86C62/96 has 52 pins for input and
output, and these lines are grouped into six, 8-bit ports and
one 4-bit port. Each port is configurable under software
control to provide timing, status signals, serial or parallel
I/O with or without handshake, and an address/data bus
for interfacing external memory.
s
Auto Latches
s
RAM and ROM Protect
s
16 Kbytes of ROM
s
256 Bytes of RAM
s
Two Programmable 8-Bit Counter/Timers,
Each with 6-Bit Programmable Prescaler
s
Six Vectored, Priority Interrupts from Eight
Different Sources
s
Clock Speeds: 16 and 20 MHz
s
On-Chip Oscillator that Accepts a Crystal,
Ceramic Resonator, LC, or External Clock Drive


Similar Part No. - 286C6116FSC

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
286C32DAAAA1 CTS-286C32DAAAA1 Datasheet
672Kb / 4P
Multi-turn Hall-Effect Position Sensor
2022-10-20 Rev. 0
286C32DAAAB1 CTS-286C32DAAAB1 Datasheet
672Kb / 4P
Multi-turn Hall-Effect Position Sensor
2022-10-20 Rev. 0
286C32DAABA1 CTS-286C32DAABA1 Datasheet
672Kb / 4P
Multi-turn Hall-Effect Position Sensor
2022-10-20 Rev. 0
286C32DAABB1 CTS-286C32DAABB1 Datasheet
672Kb / 4P
Multi-turn Hall-Effect Position Sensor
2022-10-20 Rev. 0
286C32DAACA1 CTS-286C32DAACA1 Datasheet
672Kb / 4P
Multi-turn Hall-Effect Position Sensor
2022-10-20 Rev. 0
More results

Similar Description - 286C6116FSC

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86C27 ZILOG-Z86C27 Datasheet
125Kb / 9P
CMOS Z8 MICROCONTROLLER
Z86C96 ZILOG-Z86C96 Datasheet
124Kb / 11P
CMOS Z8 MICROCONTROLLER
Z86C47 ZILOG-Z86C47 Datasheet
106Kb / 8P
CMOS Z8 MICROCONTROLLER
Z86E21 ZILOG-Z86E21 Datasheet
162Kb / 12P
CMOS Z8 OTP MICROCONTROLLER
Z86E23 ZILOG-Z86E23 Datasheet
71Kb / 6P
CMOS Z8 OTP MICROCONTROLLER
Z86E47 ZILOG-Z86E47 Datasheet
111Kb / 8P
CMOS Z8 8BIT MICROCONTROLLER
Z86E64 ZILOG-Z86E64 Datasheet
91Kb / 12P
CMOS Z8 OTP Microcontroller
Z86C11 ZILOG-Z86C11 Datasheet
658Kb / 21P
CMOS Z8 Microcontroller
Z86E02SL1925 ZILOG-Z86E02SL1925 Datasheet
75Kb / 18P
CMOS Z8 OTP MICROCONTROLLER
Z86E22 ZILOG-Z86E22 Datasheet
276Kb / 10P
CMOS Z8 OTP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com