Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

286C6116FSC Datasheet(PDF) 34 Page - Zilog, Inc.

Part # 286C6116FSC
Description  CMOS Z8 MICROCONTROLLER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

286C6116FSC Datasheet(HTML) 34 Page - Zilog, Inc.

Back Button 286C6116FSC Datasheet HTML 30Page - Zilog, Inc. 286C6116FSC Datasheet HTML 31Page - Zilog, Inc. 286C6116FSC Datasheet HTML 32Page - Zilog, Inc. 286C6116FSC Datasheet HTML 33Page - Zilog, Inc. 286C6116FSC Datasheet HTML 34Page - Zilog, Inc. 286C6116FSC Datasheet HTML 35Page - Zilog, Inc. 286C6116FSC Datasheet HTML 36Page - Zilog, Inc. 286C6116FSC Datasheet HTML 37Page - Zilog, Inc. 286C6116FSC Datasheet HTML 38Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 46 page
background image
34
Z86C61/62/96
Z8® MICROCONTROLLER
Z8 CONTROL REGISTER DIAGRAMS
Figure 30. Serial I/O Register
(F0
H: Read/Write)
Figure 33. Prescaler 1 Register
(F3
H: Write Only)
D7
D6
D5
D4
D3
D2
D1
D0
T0 Initial Value
(When Written)
(Range: 1-256 Decimal
01-00 HEX)
T0 Current Value
(When Read)
R244 T0
Figure 34. Counter/Timer 0 Register
(F4
H: Read/Write)
D7
D6
D5
D4
D3
D2
D1
D0
0
Disable T0 Count
1
Enable T0 Count
0
No Function
1
Load T0
0
No Function
1
Load T1
0
Disable T1 Count
1
Enable T1 Count
TIN Modes
00
External Clock Input
01
Gate Input
10
Trigger Input
(Non-retriggerable)
11
Trigger Input
(Retriggerable)
TOUT Modes
00
Not Used
01
T0 Out
10
T1 Out
11
Internal Clock Out
R241 TMR
Figure 31. Timer Mode Register
(F1
H: Read/Write)
D7
D6
D5
D4
D3
D2
D1
D0
T1 Initial Value
(When Written)
(Range: 1-256 Decimal
01-00 HEX)
T1 Current Value
(When Read)
R242 T1
Figure 32. Counter/Timer 1 Register
(F2
H: Read/Write)
0
T0 Single Pass
1
T0 Modulo N
D7
D6
D5
D4
D3
D2
D1
D0
Count Mode
Reserved (Must be 0)
Prescaler Modulo
(Range: 1-64 Decimal
01-00 HEX)
R245 PRE0
Figure 35. Prescaler 0 Register
(F5
H: Write Only)
D7
D6
D5
D4
D3
D2
D1
D0
Serial Data (D0 = LSB)
R240 SIO
D7
D6
D5
D4
D3
D2
D1
D0
Count Mode
0
T1 Single Pass
1
T1 Modulo N
Clock Source
1
T1 Internal
0
T1 External Timing Input
(TIN) Mode
Prescaler Modulo
(Range: 1-64 Decimal
01-00 HEX)
R243 PRE1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com