Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

286C6116FSC Datasheet(PDF) 32 Page - Zilog, Inc.

Part # 286C6116FSC
Description  CMOS Z8 MICROCONTROLLER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

286C6116FSC Datasheet(HTML) 32 Page - Zilog, Inc.

Back Button 286C6116FSC Datasheet HTML 28Page - Zilog, Inc. 286C6116FSC Datasheet HTML 29Page - Zilog, Inc. 286C6116FSC Datasheet HTML 30Page - Zilog, Inc. 286C6116FSC Datasheet HTML 31Page - Zilog, Inc. 286C6116FSC Datasheet HTML 32Page - Zilog, Inc. 286C6116FSC Datasheet HTML 33Page - Zilog, Inc. 286C6116FSC Datasheet HTML 34Page - Zilog, Inc. 286C6116FSC Datasheet HTML 35Page - Zilog, Inc. 286C6116FSC Datasheet HTML 36Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 46 page
background image
32
Z86C61/62/96
Z8® MICROCONTROLLER
Clock
1
3
4
8
2
2
3
TIN
IRQN
6
5
7
7
9
AC CHARACTERISTICS
Additional Timing Diagram
Figure 27. Additional Timing
AC CHARACTERISTICS
Additional Timing Table
Z86C61/62/96
T
A = 0°CTA = –40°C
to +70
°C
to +105
°C
20/16 MHz
20/16 MHz
No
Symbol
Parameter
Min
Max
Min
Max
Units
Notes
1
TpC
Input Clock Period
50/62.5 1000
50/62.5 1000
ns
[1]
2
TrC,TfC
Clock Input Rise & Fall Times
10
10
ns
[1]
3
TwC
Input Clock Width
25
25
ns
[1]
4
TwTinL
Timer Input Low Width
75
75
ns
[2]
5
TwTinH
Timer Input High Width
5 TpC
5 TpC
ns
[2]
6
TpTin
Timer Input Period
8 TpC
8 TpC
ns
[2]
7
TrTin,TfTin
Timer Input Rise and Fall Times
100
100
ns
[2]
8a
TwIL
Interrupt Request Input Low Times
70
50
ns
[2,4]
8b
TwIL
Interrupt Request Input Low Times
5 TpC
5 TpC
ns
[2,5]
9
TwIH
Interrupt Request Input High Times
5 TpC
5 TpC
ns
[2,3]
Notes:
[1] Clock timing references use 0.8V
cc for a logic 1 and 0.8V for a logic 0.
[2] Timing references use 2.0V for a logic 1 and 0.8V for a logic 0.
[3] Interrupt references request through Port 3.
[4] Interrupt request through Port 3 (P33-P31).
[5] Interrupt request through Port 30.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com