Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

286C6116FSC Datasheet(PDF) 22 Page - Zilog, Inc.

Part # 286C6116FSC
Description  CMOS Z8 MICROCONTROLLER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

286C6116FSC Datasheet(HTML) 22 Page - Zilog, Inc.

Back Button 286C6116FSC Datasheet HTML 18Page - Zilog, Inc. 286C6116FSC Datasheet HTML 19Page - Zilog, Inc. 286C6116FSC Datasheet HTML 20Page - Zilog, Inc. 286C6116FSC Datasheet HTML 21Page - Zilog, Inc. 286C6116FSC Datasheet HTML 22Page - Zilog, Inc. 286C6116FSC Datasheet HTML 23Page - Zilog, Inc. 286C6116FSC Datasheet HTML 24Page - Zilog, Inc. 286C6116FSC Datasheet HTML 25Page - Zilog, Inc. 286C6116FSC Datasheet HTML 26Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 46 page
background image
22
Z86C61/62/96
Z8® MICROCONTROLLER
FUNCTIONAL DESCRIPTION (Continued)
Expanded Register File. The register file has been ex-
panded to allow for additional system control registers,
and for mapping of additional peripheral devices along
with I/O ports into the register address area. The Z8
register address space R0 through R15 has now been
implemented as 16 groups of 16 registers per group.
These register groups are known as the ERF (Expanded
Register File). Bits 7-4 of Register RP select the working
register group. Bits 3-0 of Register RP select the expanded
register group (Figure 21). Eight I/O port registers reside in
the Expanded Register File at Bank F. The rest of the
Expanded Register is not physically implemented and is
open for future expansion.
The upper nibble of the register pointer (Figure 20) selects
which group of 16 bytes in the register file, out of the full
256, will be accessed. The lower nibble selects the ex-
panded register file bank and in the case of the Z86C61/
62/96, only Bank F is implemented. A 0H in the lower nibble
will allow the normal register file to be addressed, but any
other value from 1H to FH will exchange the lower 16
registers in favor of an expanded register group of 16
registers.
For example:
Z86C61: (See Figures 18 and 19)
R253 RP = 00H
R0 = Port 0
R2 = Port 2
R1 = Port 1
R3 = Port 3
But If:
R253 RP = 0FH
R0 = Reserved
R1 = Reserved
R2 = Port 4
R3 = Port 4, Direction Register
R9 = Port 6, Mode Register
Further examples:
SRP #0FH
Set working group 0 and Bank F
LD R2, #10010110
Load value into Port 4 using
working register addressing.
LD 2, #10010110
Load value into Port 4 using
absolute addressing.
LD 9, #11110000
Load value into Port 6 mode.
SRP #1FH
Set working group 1 and Bank F
LD R2, #11010110
Load value into general purpose
register 12H
LD 12H, #11010110
Load value into general purpose
register 12H
LD 2, #10010110
Load value into Port 4
RAM Protect. The upper portion of the RAM’s address
spaces 80FH to EFH (excluding the control registers) can
be protected from reading and writing. The RAM Protect
bit option is mask-programmable and is selected by the
customer when the ROM code is submitted. After the mask
option is selected, the user can activate from the internal
ROM code to turn off/on the RAM Protect by loading a bit
D6 in the IMR register to either a 0 or a 1, respectively. A
1 in D6 indicates RAM Protect enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com