Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86C9620VSC Datasheet(PDF) 28 Page - Zilog, Inc.

Part # Z86C9620VSC
Description  CMOS Z8 MICROCONTROLLER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C9620VSC Datasheet(HTML) 28 Page - Zilog, Inc.

Back Button Z86C9620VSC Datasheet HTML 24Page - Zilog, Inc. Z86C9620VSC Datasheet HTML 25Page - Zilog, Inc. Z86C9620VSC Datasheet HTML 26Page - Zilog, Inc. Z86C9620VSC Datasheet HTML 27Page - Zilog, Inc. Z86C9620VSC Datasheet HTML 28Page - Zilog, Inc. Z86C9620VSC Datasheet HTML 29Page - Zilog, Inc. Z86C9620VSC Datasheet HTML 30Page - Zilog, Inc. Z86C9620VSC Datasheet HTML 31Page - Zilog, Inc. Z86C9620VSC Datasheet HTML 32Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 46 page
background image
28
Z86C61/62/96
Z8® MICROCONTROLLER
DC ELECTRICAL CHARACTERISTICS
Z86C61/62/96
T
A = 0°CTA = –40°C
to +70
°C
to +105
°C
Typical
Sym Parameter
Min
Max
Min
Max
@ 25
°C Units
Conditions
Max Input Voltage
7
7
V
I
IN < 250 µA
V
CH
Clock Input High Voltage
0.85 V
CC
V
CC + 0.3
0.85 V
CC
V
CC + 0.3
V
Driven by External Clock Generator
V
CL
Clock Input Low Voltage
V
SS – 0.3
0.8
V
SS – 0.3
0.8
V
Driven by External Clock Generator
V
IH
Input High Voltage
2
V
CC + 0.3
2
V
CC + 0.3
V
V
IL
Input Low Voltage
V
SS – 0.3
0.2 V
CC
V
SS – 0.3
0.2 V
CC
V
V
OH
Output High Voltage
2.4
2.4
V
I
OH = –2.0 mA
V
OH
Output High Voltage
V
CC – 100 mV
V
CC – 100 mV
V
I
OH = –100 µA
V
OL
Output Low Voltage
0.4
0.4
V
I
OL = +5.0 mA [3]
V
OL
Output Low Voltage
0.6
0.6
V
I
OL = +4.0 mA [2]
V
RH
Reset Input High Voltage
0.85 V
CC
V
CC + 0.3
0.85 V
CC
V
CC + 0.3
V
V
Rl
Reset Input Low Voltage
–0.3
0.2 V
CC
–0.3
0.2 V
CC
V
I
IL
Input Leakage
–2
2
–2
2
µAV
IN = 0 V, VCC
I
OL
Output Leakage
–2
2
–2
2
µAV
IN = 0 V, VCC
I
IR
Reset Input Current
–80
–80
µAV
RL = 0 V
I
CC
Supply Current
35
35
24
mA
[1] @ 16 MHz
I
CC
Supply Current
40
40
30
mA
[1] @ 20 MHz
I
CC1
Standby Current
15
15
4.5
mA
[1] HALT Mode V
IN = 0 V, VCC @ 16 MHz
I
CC2
Standby Current
10
20
5
µA
[1] STOP Mode V
IN = 0 V, VCC
I
ALL
Auto Latch Low Current
–14
14
–20
20
5
µA
Notes:
[1]
All inputs driven to either 0V or V
CC, outputs floating.
[2]
V
CC = 3.0V to 3.6V
[3]
V
CC = 4.5V to 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com