Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86C9620VSC Datasheet(PDF) 30 Page - Zilog, Inc.

Part # Z86C9620VSC
Description  CMOS Z8 MICROCONTROLLER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C9620VSC Datasheet(HTML) 30 Page - Zilog, Inc.

Back Button Z86C9620VSC Datasheet HTML 26Page - Zilog, Inc. Z86C9620VSC Datasheet HTML 27Page - Zilog, Inc. Z86C9620VSC Datasheet HTML 28Page - Zilog, Inc. Z86C9620VSC Datasheet HTML 29Page - Zilog, Inc. Z86C9620VSC Datasheet HTML 30Page - Zilog, Inc. Z86C9620VSC Datasheet HTML 31Page - Zilog, Inc. Z86C9620VSC Datasheet HTML 32Page - Zilog, Inc. Z86C9620VSC Datasheet HTML 33Page - Zilog, Inc. Z86C9620VSC Datasheet HTML 34Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 46 page
background image
30
Z86C61/62/96
Z8® MICROCONTROLLER
AC CHARACTERISTICS
External I/O or Memory Read and Write Timing
Z86C61/62/96 (16 MHz)
T
A = 0°CTA = –40°C
to +70
°C
to +105
°C
16 MHz
16 MHz
No
Symbol
Parameter
Min
Max
Min
Max
Units
Notes
1
TdA(AS)
Address Valid to /AS rise Delay
25
25
ns
[2,3]
2
TdAS(A)
/AS rise to Address Float Delay
35
35
ns
[2,3]
3
TdAS(DR)
/AS rise to Read Data Req’d Valid
150
150
ns
[1,2,3]
4
TwAS
/AS Low Width
40
40
ns
[2,3]
5
TdAZ(DS)
Address Float to /DS fall
0
0
ns
6
TwDSR
/DS (Read) Low Width
135
135
ns
[1,2,3]
7
TwDSW
/DS (Write) Low Width
80
80
ns
[1,2,3]
8
TdDSR(DR)
/DS fall to Read Data Req’d Valid
75
75
ns
[1,2,3]
9
ThDR(DS)
Read Data to /DS rise Hold Time
0
0
ns
[2,3]
10
TdDS(A)
/DS rise to Address Active Delay
50
50
ns
[2,3]
11
TdDS(AS)
/DS rise to /AS fall Delay
35
35
ns
[2,3]
12
TdR/W(AS)
R//W Valid to /AS rise Delay
25
25
ns
[2,3]
13
TdDS(R/W)
/DS rise to R//W Not Valid
35
35
ns
[2,3]
14
TdDW(DSW)
Write Data Valid to /DS fall (Write) Delay
25
25
ns
[2,3]
15
TdDS(DW)
/DS rise to Write Data Not Valid Delay
35
35
ns
[2,3]
16
TdA(DR)
Address Valid to Read Data Req’d Valid
210
210
ns
[1,2,3]
17
TdAS(DS)
/AS rise to /DS fall Delay
45
45
ns
[2,3]
18
TdDM(AS)
/DM Valid to /AS rise Delay
25
25
ns
[2,3]
Notes:
[1] When using extended memory timing add 2 TpC.
[2] Timing numbers given are for minimum TpC.
[3] See clock cycle dependent characteristics table.
Standard Test Load
All timing references use 2.0 V for a logic 1 and 0.8 V for a logic 0.
Clock Dependent Formulas
Number
Symbol
Equation
1
TdA(AS)
0.40 TpC + 0.32
2
TdAS(A)
0.59 TpC – 3.25
3
TdAS(DR)
2.83 TpC + 6.14
4
TwAS
0.66 TpC – 1.65
6
TwDSR
2.33 TpC – 10.56
7
TwDSW
1.27 TpC + 1.67
8
TdDSR(DR)
1.97 TpC – 42.5
10
TdDS(A)
0.8 TpC
11
TdDS(AS)
0.59 TpC – 3.14
12
TdR/W(AS)
0.4 TpC
13
TdDS(R/W)
0.8 TpC – 15
14
TdDW(DSW)
0.4 TpC
15
TdDS(DW)
0.88 TpC – 19
16
TdA(DR)
4 TpC – 20
17
TdAS(DS)
0.91 TpC – 10.7
18
TdDM(AS)
0.9 TpC – 26.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com