Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86C9620VSC Datasheet(PDF) 46 Page - Zilog, Inc.

Part # Z86C9620VSC
Description  CMOS Z8 MICROCONTROLLER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C9620VSC Datasheet(HTML) 46 Page - Zilog, Inc.

Back Button Z86C9620VSC Datasheet HTML 38Page - Zilog, Inc. Z86C9620VSC Datasheet HTML 39Page - Zilog, Inc. Z86C9620VSC Datasheet HTML 40Page - Zilog, Inc. Z86C9620VSC Datasheet HTML 41Page - Zilog, Inc. Z86C9620VSC Datasheet HTML 42Page - Zilog, Inc. Z86C9620VSC Datasheet HTML 43Page - Zilog, Inc. Z86C9620VSC Datasheet HTML 44Page - Zilog, Inc. Z86C9620VSC Datasheet HTML 45Page - Zilog, Inc. Z86C9620VSC Datasheet HTML 46Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 46 / 46 page
background image
46
Z86C61/62/96
Z8® MICROCONTROLLER
ORDERING INFORMATION
Z86C61/62/96
16 MHz
40-pin DIP
44-pin PLCC
44-pin QFP
Z86C6116PSC
Z86C6116VSC
286C6116FSC
16 MHz
64-pin DIP
68-pin PLCC
Z86C6216PSC
Z86C6216VSC
20 MHz
64-pin DIP
68-pin PLCC
Z86C9620PSC
Z86C9620VSC
For fast results, contact your local Zilog sales office for assistance in ordering the part desired.
CODES
Package
P = Plastic DIP
V = Plastic Chip Carrier
Preferred Temperature
S = 0
°C to +70°C
Longer Lead Time
E = –40
°C to +105°C
Speeds
16 = 16 MHz
20 = 20 MHz
Environmental
C = Plastic Standard
Example:
Z 86C61 16 P S C
is an 86C61, 16 MHz, DIP, 0
°C to +70°C, Plastic Standard Flow
Environmental Flow
Temperature
Package
Speed
Product Number
Zilog Prefix



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com