Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86C9620VSC Datasheet(PDF) 33 Page - Zilog, Inc.

Part # Z86C9620VSC
Description  CMOS Z8 MICROCONTROLLER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C9620VSC Datasheet(HTML) 33 Page - Zilog, Inc.

Back Button Z86C9620VSC Datasheet HTML 29Page - Zilog, Inc. Z86C9620VSC Datasheet HTML 30Page - Zilog, Inc. Z86C9620VSC Datasheet HTML 31Page - Zilog, Inc. Z86C9620VSC Datasheet HTML 32Page - Zilog, Inc. Z86C9620VSC Datasheet HTML 33Page - Zilog, Inc. Z86C9620VSC Datasheet HTML 34Page - Zilog, Inc. Z86C9620VSC Datasheet HTML 35Page - Zilog, Inc. Z86C9620VSC Datasheet HTML 36Page - Zilog, Inc. Z86C9620VSC Datasheet HTML 37Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 46 page
background image
33
Z86C61/62/96
Z8® MICROCONTROLLER
AC CHARACTERISTICS
Handshake Timing Diagrams
AC ELECTRICAL CHARACTERISTICS
Handshake Timing Table
Z86C61/62/96
T
A = 0°C to +70°CTA = –40°C to +105°C
20/16 MHz
20/16 MHz
Data
No
Symbol
Parameter
Min
Max
Min
Max
Direction
1
TsDI(DAV)
Data In Setup Time
0
0
IN
2
ThDI(DAV)
Data In Hold Time
145
145
IN
3
TwDAV
Data Available Width
110
110
IN
4
TdDAVI(RDY)
DAV fall to RDY fall Delay
115
115
IN
5
TdDAVId(RDY)
DAV rise to RDY rise Delay
115
115
IN
6
TdRDY0(DAV)
RDY rise to DAV fall Delay
0
0
IN
7
TdDO(DAV)
Data Out to DAV fall Delay
TpC
TpC
OUT
8
TdDAV0(RDY)
DAV fall to RDY fall Delay
0
0
OUT
9
TdRDY0(DAV)
RDY fall to DAV rise Delay
115
115
OUT
10
TwRDY
RDY Width
110
110
OUT
11
TdRDY0d(DAV)
RDY rise to DAV fall Delay
115
115
OUT
Data In
1
2
3
4
5
6
/DAV
(Input)
RDY
(Output)
Next Data In Valid
Delayed RDY
Delayed DAV
Data In Valid
Figure 28. Input Handshake Timing
Data Out
/DAV
(Output)
RDY
(Input)
Next Data Out Valid
Delayed
RDY
Delayed DAV
Data Out Valid
7
8
9
10
11
Figure 29. Output Handshake Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com