Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z89331 Datasheet(PDF) 4 Page - Zilog, Inc.

Part # Z89331
Description  OTP DIGITAL TELEVISIONCONTROLLER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z89331 Datasheet(HTML) 4 Page - Zilog, Inc.

  Z89331 Datasheet HTML 1Page - Zilog, Inc. Z89331 Datasheet HTML 2Page - Zilog, Inc. Z89331 Datasheet HTML 3Page - Zilog, Inc. Z89331 Datasheet HTML 4Page - Zilog, Inc. Z89331 Datasheet HTML 5Page - Zilog, Inc. Z89331 Datasheet HTML 6Page - Zilog, Inc. Z89331 Datasheet HTML 7Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
PRELIMINARY
Z89331
CP95TEL1400
PIN DESCRIPTIONS
Z89331
Pin
Z89331
Configuration
Name
Function
42-Pin SDIP
Direction
Reset
V
CC
+5 V
34
PWR
PWR
GND
0 V
13,30
PWR
PWR
IRIN
Infrared Remote Capture Input
36
I
I
ADC[5:0]a
4-Bit Analog to Digital Converter
–,9,10,11,12,2,8
AI
I
Inputb
PWM9
14-Bit Pulse Width Modulator
1,2
OD
O
Output
PWM[8:1]c
8-Bit Pulse Width Modulator
–,–,–,3,4
OD
OD
Output
5,6,7
Port0[F:0]d
Bit Programmable
21,–,–,–,–,–,
B
I
Input/Output Ports
38,37,35,–,–,
15,8,40,39,11
Port1[9:0]e
Bit Programmable
–,16,12,20,
B
I
Input/Output Ports
19,18,17,42,
41,14
MSSCLf
I2C Clock I/O
4 1
BOD
MSSCDg
I2C Data I/O
4 2
BOD
I
SSCLh
I2C Clock I/O
3 9
BOD
I
SSCDi
I2C Data I/O
4 0
BOD
I
XTAL1
Crystal Oscillator Input
3 1
AI
AI
XTAL2
Crystal Oscillator Output
3 2
AO
AO
LPF
Loop Filter
2 9
AB
AB
HSYNC
H_Sync
2 6
B
I
VSYNC
V_Sync
2 7
B
I
/RESET
Device Reset
3 3
I
I
V[3:1]
OSD Video Output
22,23,24
O
O
(Typically Drive B, G, and R Outputs)
Blank
OSD Blank Output
2 5
O
O
Half Blankh
OSD Half Blank Output
2 1
O
I
RGB Digital
R[1:0],G[1:0], and B[1:0]
37,14,17,
O
I
Outputsi
Outputs of the RGB Matrix
16,19,18
SCLKk
Internal Processor SCLK
2 0
O
I
e) Port19 is not available on the 42-pin DIP version.
f)
SCL I/O pin is shared with Port01 or Port11.
g) SCD I/O pin is shared with Port02 or Port12.
h) Half Blank output is a function shared with Port0F.
i)
Digital RGB outputs and the internal SCLK are shared with Port1[5:0].
k)
Internal processor SCLK is shared with Port16.
Notes:
a) ADC1 input is shared with Port 17, ADC2 input Pin is shared with
Port 00. ADC3 input pin is shared with Port 05 and ADC4 input pin
is shared with Port 04.
b) ADC0 and ADC5 have a clamp circuit that facilitates Composite
video input.
c) PWM[8,7] is not available on the 42-pin DIP version.
d) Port0[F:A] is not available on the 42-pin DIP version.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com