Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z89331 Datasheet(PDF) 6 Page - Zilog, Inc.

Part # Z89331
Description  OTP DIGITAL TELEVISIONCONTROLLER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z89331 Datasheet(HTML) 6 Page - Zilog, Inc.

  Z89331 Datasheet HTML 1Page - Zilog, Inc. Z89331 Datasheet HTML 2Page - Zilog, Inc. Z89331 Datasheet HTML 3Page - Zilog, Inc. Z89331 Datasheet HTML 4Page - Zilog, Inc. Z89331 Datasheet HTML 5Page - Zilog, Inc. Z89331 Datasheet HTML 6Page - Zilog, Inc. Z89331 Datasheet HTML 7Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
PRELIMINARY
Z89331
CP95TEL1400
DC CHARACTERISTICS
T
A = 0°C to + 70°C; VCC = + 4.75 V to + 5.25V
TA = 0
° to + 70°C
Typical
Symbol
Parameter
Min
Max
@ 25
°C
Units
Conditions
V
IL
Input Voltage Low
0
0.2 V
CC
1.48
V
V
IH
Input Voltage High
0.7 V
CC
V
CC
3.0
V
V
HY
Schmitt Hysteresis
0.1 V
CC
0.8
V
V
PU
Maximum Pull-Up Voltage
13.2
V
[2]
V
OL
Output Voltage Low
0.4
0.16
V
I
OL = 1.00 mA
0.4
0.19
V
I
OL = mA, [1]
0.4
0.19
V
I
OL =0.75 mA, [2]
V
OH
Output Voltage High
V
CC –0.4
4.75
V
I
OH = –0.75 mA
I
IR
Reset Input Current
–80
–46
µAV
RL = 0 V
I
IL
Input Leakage
–3.0
3.0
0.01
µA
0 V, V
CC
I
OL
Tri-State Leakage
–3.0
3.0
0.02
µA
0 V, V
CC
Note:
[1] Port 0, 1
[2] PWM Open-Drain



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com