Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z89331 Datasheet(PDF) 5 Page - Zilog, Inc.

Part # Z89331
Description  OTP DIGITAL TELEVISIONCONTROLLER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z89331 Datasheet(HTML) 5 Page - Zilog, Inc.

  Z89331 Datasheet HTML 1Page - Zilog, Inc. Z89331 Datasheet HTML 2Page - Zilog, Inc. Z89331 Datasheet HTML 3Page - Zilog, Inc. Z89331 Datasheet HTML 4Page - Zilog, Inc. Z89331 Datasheet HTML 5Page - Zilog, Inc. Z89331 Datasheet HTML 6Page - Zilog, Inc. Z89331 Datasheet HTML 7Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
PRELIMINARY
Z89331
CP95TEL1400
V1, V2, V3 ANALOG OUTPUT
Specifications V
CC = 5.25 V
V
CC = 5.25 V
Condition
Limit
Output Voltage
Bit = 11
3.9 V +/– 0.3 V
Bit = 10
3.0 V +/– 0.3 V
Bit = 01
1.8 V +/– 0.3 V
Bit = 00
0.6 V +/– 0.3 V
Settling Time
70% of DC Level, 10pf Load
< 50 nsec
V1, V2, V3 ANALOG OUTPUT
Specifications V
CC = 4.75V
V
CC = 4.75V
Condition
Limit
Output Voltage
Bit = 11
3.5 V +/– 0.3 V
Bit = 10
2.6 V +/– 0.3 V
Bit = 01
1.6 V +/– 0.3 V
Bit = 00
0.5 V +/– 0.3 V
Settling Time
70% of DC Level, 10pf Load
< 50 nsec



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com