Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z89331 Datasheet(PDF) 1 Page - Zilog, Inc.

Part # Z89331
Description  OTP DIGITAL TELEVISIONCONTROLLER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z89331 Datasheet(HTML) 1 Page - Zilog, Inc.

  Z89331 Datasheet HTML 1Page - Zilog, Inc. Z89331 Datasheet HTML 2Page - Zilog, Inc. Z89331 Datasheet HTML 3Page - Zilog, Inc. Z89331 Datasheet HTML 4Page - Zilog, Inc. Z89331 Datasheet HTML 5Page - Zilog, Inc. Z89331 Datasheet HTML 6Page - Zilog, Inc. Z89331 Datasheet HTML 7Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
PRELIMINARY
Z89331
CP95TEL1400
PRELIMINARY
CUSTOMERPROCUREMENTSPECIFICATION
CP95TEL1400 11/95
FEATURES
n
Part
ROM
RAM*
Speed
Number
(KB)
(Bytes)
(MHz)
Z89331
2 4
640
1 2
*General-Purpose
n
42-Pin SDIP Package
n
4.75- to 5.25-Volt Operating Range
n
0
°C to +70°C Temperature Range
n
One-Time Programmable
Z89331
OTPDIGITAL
TELEVISIONCONTROLLER
n
Serial Interfacing I2C Port
n
Fully Customized Character Set
n
Character-Control and Closed-Caption Modes
n
Keypad User Control
n
TV Tuner Serial Interface
n
Direct Video Signals
n
Low-EMI Option
GENERAL DESCRIPTION
The Z89331 One-Time Programmable (OTP) Digital
Television Controller is designed to provide complete
audio and video control of television receivers, video
recorders, and advanced on-screen display facilities. The
Z89331 features a Z89C00 RISC processor core that
controls on-board peripheral functions and registers using
the standard processor instruction set.
Character attributes can be controlled through two modes:
the on-screen display Character-Control Mode and the
Closed-Caption Mode. The Character-Control Mode
provides access to the full set of attribute controls, allowing
the modification of attributes on a character-by-character
basis. The insertion of control characters permits direction
of other character attributes. Closed-caption text can be
decoded directly from the composite video signal and
displayed on-screen with the assistance of the processor's
digital signal processing (DSP) capabilities.
The fully customized 512 character set, formatted in two
256 character banks, can be displayed with a host of
display attributes that include underlining, italics, blinking,
eight foreground/background colors, character position
offset delay, and background transparency.
Serial interfacing with the television tuner is provided
through the tuner serial port. Other serial devices, such as
digital channel tunning adjustments, may be accessed
through the industry-standard I2C port.
User control can be monitored through the keypad scanning
port, or the 16-bit remote control capture register. Receiver
functions such as color and volume can be directly
controlled by eight 8-bit pulse width modulated ports.
Notes:
All Signals with a preceding front slash, "/", are active Low, e.g.:
B//W (WORD is active Low); /B/W (BYTE is active Low, only).
Power connections follow conventional descriptions below:
Connection
Circuit
Device
Power
V
CC
V
DD
Ground
GND
V
SS


Similar Part No. - Z89331

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z89332 ZILOG-Z89332 Datasheet
62Kb / 8P
Digital Television Controller
Z8933200ZCO ZILOG-Z8933200ZCO Datasheet
317Kb / 19P
eZVision 200 Television Controllers with OSD
More results

Similar Description - Z89331

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5171 AD-AD5171 Datasheet
1Mb / 20P
64-Position OTP Digital Potentiometer
AD5273 AD-AD5273 Datasheet
987Kb / 20P
64-Position OTP Digital Potentiometer
REV.0
logo
Silan Microelectronics ...
SC9314 SILAN-SC9314 Datasheet
108Kb / 5P
OTP ENCODER
logo
List of Unclassifed Man...
FP527 ETC2-FP527 Datasheet
367Kb / 2P
OTP Encoder
logo
Holtek Semiconductor In...
HT6P20X HOLTEK-HT6P20X_09 Datasheet
121Kb / 13P
OTP Encoder
July 30, 2009
logo
Analog Devices
AD5171 AD-AD5171 Datasheet
996Kb / 24P
64-Position OTP Digital Potentiometer
REV. D
AD5171 AD-AD5171_15 Datasheet
996Kb / 24P
64-Position OTP Digital Potentiometer
REV. D
logo
Silvan Chip Electronics...
SC2240B SILVAN-SC2240B Datasheet
82Kb / 3P
OTP Encoder
SCT1527 SILVAN-SCT1527 Datasheet
120Kb / 3P
OTP Encoder
logo
Maxim Integrated Produc...
MAX22520EVKIT MAXIM-MAX22520EVKIT Datasheet
645Kb / 15P
OTP Progammable Digital Output (DO)
Rev 0; 10/19
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com