Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMN61D8L Datasheet(PDF) 5 Page - Diodes Incorporated

Part # DMN61D8L
Description  Provides a more reliable and robust interface between sensitive logic and DC relay coils.
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN61D8L Datasheet(HTML) 5 Page - Diodes Incorporated

  DMN61D8L Datasheet HTML 1Page - Diodes Incorporated DMN61D8L Datasheet HTML 2Page - Diodes Incorporated DMN61D8L Datasheet HTML 3Page - Diodes Incorporated DMN61D8L Datasheet HTML 4Page - Diodes Incorporated DMN61D8L Datasheet HTML 5Page - Diodes Incorporated DMN61D8L Datasheet HTML 6Page - Diodes Incorporated DMN61D8L Datasheet HTML 7Page - Diodes Incorporated DMN61D8L Datasheet HTML 8Page - Diodes Incorporated DMN61D8L Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
DMN61D8L/LVT
Document number: DS37630 Rev. 3 - 2
5 of 9
www.diodes.com
April 2015
© Diodes Incorporated
DMN61D8L/LVT
T , JUNCTION TEMPERATURE ( C)
J
Figure 7 On-Resistance Variation with Temperature
0
0.5
1
1.5
2
2.5
3
-50
-25
0
25
50
75
100
125
150
V
= 5V
GS
I = 150mA
D
V
= 3V
GS
I = 150mA
D
T , JUNCTION TEMPERATURE ( C)
J
Figure 8 Gate Threshold Variation vs. Ambient Temperature
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
-50
-25
0
25
50
75
100
125
150
I = 1mA
D
I = 250µA
D
V
, SOURCE-DRAIN VOLTAGE (V)
SD
Figure 9 Diode Forward Voltage vs. Current
0
0.2
0.4
0.6
0.8
1
0
0.3
0.6
0.9
1.2
1.5
T = -55°C
A
T = 150°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
V
, DRAIN-SOURCE VOLTAGE (V)
DS
Figure 10 Typical Junction Capacitance
0
1
10
100
0
5
10
15
20
25
30
35
40
f = 1MHz
C rss
Coss
Ciss
Q , TOTAL GATE CHARGE (nC)
g
Figure 11 Gate Charge
0
1
2
3
4
5
6
7
0
0.2
0.4
0.6
0.8
1
1.2
1.4
V
= 12V
DS
I
= 150mA
D



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com