Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMN61D8L Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMN61D8L
Description  Provides a more reliable and robust interface between sensitive logic and DC relay coils.
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN61D8L Datasheet(HTML) 1 Page - Diodes Incorporated

  DMN61D8L Datasheet HTML 1Page - Diodes Incorporated DMN61D8L Datasheet HTML 2Page - Diodes Incorporated DMN61D8L Datasheet HTML 3Page - Diodes Incorporated DMN61D8L Datasheet HTML 4Page - Diodes Incorporated DMN61D8L Datasheet HTML 5Page - Diodes Incorporated DMN61D8L Datasheet HTML 6Page - Diodes Incorporated DMN61D8L Datasheet HTML 7Page - Diodes Incorporated DMN61D8L Datasheet HTML 8Page - Diodes Incorporated DMN61D8L Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
DMN61D8L/LVT
Document number: DS37630 Rev. 3 - 2
1 of 9
www.diodes.com
April 2015
© Diodes Incorporated
DMN61D8L/LVT
Product Summary
V(BR)DSS
RDS(ON) max
ID max
TA = +25°C
60V
1.8
Ω @ VGS = 5V
470mA
2.4
Ω @ VGS = 3V
Description and Applications
DMN61D8L/LVT provides a single component solution for switching
inductive loads such as relays, solenoids, and small DC motors in
automotive applications, without the need of a freewheeling diode.
DMN61D8L/LVT accepts logic level inputs, thus allowing it to be
driven by logic gates, inverters, and microcontrollers. It is ideally
suited for doors, windows, and antenna relay coils.
Features and Benefits
Provides a more reliable and robust interface between sensitive
logic and DC relay coils.
Replaces 3-4 discrete components enabling PCB footprint to be
reduced.
Internal active clamp removes the need for external zener diode.
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: SOT23
Case Material: Molded Plastic, “Green” Molding Compound;
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish
– Matte Tin Annealed over Alloy 42 Leadframe.
(Lead-Free Plating). Solderable per MIL-STD-202, Method 208
Terminal Connections: See Diagram
Weight: 0.008 grams (Approximate)
Case: TSOT26
Case Material: Molded Plastic, “Green” Molding Compound;
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals Connections: See Diagram
Terminals: Finish
– Matte Tin Annealed over Copper Leadframe.
Solderable per MIL-STD-202, Method 208
Weight: 0.013 grams (Approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
DMN61D8L-7
SOT23
3,000/Tape & Reel
DMN61D8L-13
SOT23
10,000/Tape & Reel
DMN61D8LVT-7
TSOT26
3,000/Tape & Reel
DMN61D8LVT-13
TSOT26
10,000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Top View
ESD protected
Equivalent Circuit
Top View
Internal Schematic
SOT-23
View
D
G
S
TSOT26


Similar Part No. - DMN61D8L

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN61D8LQ DIODES-DMN61D8LQ Datasheet
510Kb / 7P
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Rev 1
DMN61D8LVTQ DIODES-DMN61D8LVTQ Datasheet
350Kb / 7P
Provides a reliable and robust interface between sensitive logic and DC relay coils
Rev 2
DMN61D8LVTQ DIODES-DMN61D8LVTQ Datasheet
349Kb / 7P
INTEGRATED RELAY AND INDUCTIVE LOAD DRIVER
Rev 3
DMN61D8LVTQ-13 DIODES-DMN61D8LVTQ-13 Datasheet
350Kb / 7P
Provides a reliable and robust interface between sensitive logic and DC relay coils
Rev 2
DMN61D8LVTQ-13 DIODES-DMN61D8LVTQ-13 Datasheet
349Kb / 7P
INTEGRATED RELAY AND INDUCTIVE LOAD DRIVER
Rev 3
More results

Similar Description - DMN61D8L

ManufacturerPart #DatasheetDescription
logo
Power-One
MAP55 POWER-ONE-MAP55_06 Datasheet
111Kb / 3P
power supplies provides reliable, tightly-regulated DC
MAP80 POWER-ONE-MAP80_06 Datasheet
135Kb / 4P
power supplies provides reliable, tightly-regulated DC
logo
ADTech
ADT1210NA ADTECH-ADT1210NA Datasheet
44Kb / 1P
provides the interface between logic and IR signals for through-air, serial and half-duplex IR wireless data links
logo
Zilog, Inc.
Z84C2006VEC ZILOG-Z84C2006VEC Datasheet
1Mb / 16P
Provides a direct interface between Z80 microcomputer systems and peripheral devices
Z84C2010VEG ZILOG-Z84C2010VEG Datasheet
1Mb / 16P
PROVIDES A DIRECT INTERFACE BETWEEN Z80 MICROCOMPUTER SYSTEMS AND PERIPHERAL DEVICES
logo
Silicon Laboratories
SI5315 SILABS-SI5315 Datasheet
416Kb / 54P
Provides jitter attenuation and frequency translation between SONET/PDH and Ethemet
logo
Intersil Corporation
ISL54103IHZ-T7A INTERSIL-ISL54103IHZ-T7A Datasheet
267Kb / 8P
More Reliable HDCP Performance In Video Multiplexers and Cable Extenders
October 14, 2011
logo
Diodes Incorporated
DMN61D8LVTQ DIODES-DMN61D8LVTQ Datasheet
350Kb / 7P
Provides a reliable and robust interface between sensitive logic and DC relay coils
Rev 2
logo
TE Connectivity Ltd
KCP TEC-KCP Datasheet
326Kb / 2P
DC current sensitive relay
logo
Littelfuse
PGR-4700 LITTELFUSE-PGR-4700 Datasheet
407Kb / 1P
The PGR-4700 Sensitive Ground-Fault Relay provides
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com