Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMN61D8L Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMN61D8L
Description  Provides a more reliable and robust interface between sensitive logic and DC relay coils.
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN61D8L Datasheet(HTML) 2 Page - Diodes Incorporated

  DMN61D8L Datasheet HTML 1Page - Diodes Incorporated DMN61D8L Datasheet HTML 2Page - Diodes Incorporated DMN61D8L Datasheet HTML 3Page - Diodes Incorporated DMN61D8L Datasheet HTML 4Page - Diodes Incorporated DMN61D8L Datasheet HTML 5Page - Diodes Incorporated DMN61D8L Datasheet HTML 6Page - Diodes Incorporated DMN61D8L Datasheet HTML 7Page - Diodes Incorporated DMN61D8L Datasheet HTML 8Page - Diodes Incorporated DMN61D8L Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
DMN61D8L/LVT
Document number: DS37630 Rev. 3 - 2
2 of 9
www.diodes.com
April 2015
© Diodes Incorporated
DMN61D8L/LVT
Marking Information
Date Code Key
Year
2014
2015
2016
2017
2018
2019
2020
Code
B
C
D
E
F
G
H
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
60
V
Gate-Source Voltage
VGSS
±12
V
Continuous Drain Current (Note 6) SOT23
Steady
State
TA = +25°C
TA = +70°C
ID
470
370
mA
Continuous Drain Current (Note 6) TSOT26
Steady
State
TA = +25°C
TA = +70°C
ID
630
500
mA
Maximum Continuous Body Diode Forward Current (Note 6)
IS
0.5
A
Single Pulse Drain-to-Source Avalanche Energy
(for relay coils/inductive loads of 80
Ω or higher) (TJ initial = +85°C)
EZ
200
mJ
Peak Power Dissipation, Drain-to-Source (non-repetitive current square
pulse 1.0 ms duration) (TJ initial = +85°C)
PPK
20
W
Load Dump Pulse, Drain-to-Source, RSOURCE
= 0.5Ω, T = 300 ms)
(for relay coils/inductive loads of 80
Ω or higher) (TJ Initial = +85°C)
ELD1
60
V
Inductive Switching Transient 1, Drain-to-Source
(Waveform: RSOURCE
= 10Ω, T = 2.0 ms)
(for relay coils/inductive loads of 80
Ω or higher) (TJ Initial = +85°C)
ELD2
100
V
Inductive Switching Transient 2, Drain-to-Source
(Waveform: RSOURCE
= 4.0Ω, T = 50 µs)
(for relay coils/inductive loads of 80
Ω or higher) (TJ Initial = +85°C)
ELD3
300
V
Reverse Battery, 10 Minutes (Drain-to-Source)
(for relay coils/inductive loads of 80
Ω or higher)
Rev−Bat
-14
V
Dual Voltage Jump Start, 10 Minutes (Drain-to-Source)
Dual−Volt
28
V
ESD Human Body Model (HBM)
ESD
4,000
V
1D8 = Product Type Marking Code
YM = Date Code Marking
Y
or Y̅ = Year (ex: C= 2015)
M = Month (ex: 9 = September)
SOT23
TSOT26
1D8
1D8 YM



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com