Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMN61D8L Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMN61D8L
Description  Provides a more reliable and robust interface between sensitive logic and DC relay coils.
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN61D8L Datasheet(HTML) 3 Page - Diodes Incorporated

  DMN61D8L Datasheet HTML 1Page - Diodes Incorporated DMN61D8L Datasheet HTML 2Page - Diodes Incorporated DMN61D8L Datasheet HTML 3Page - Diodes Incorporated DMN61D8L Datasheet HTML 4Page - Diodes Incorporated DMN61D8L Datasheet HTML 5Page - Diodes Incorporated DMN61D8L Datasheet HTML 6Page - Diodes Incorporated DMN61D8L Datasheet HTML 7Page - Diodes Incorporated DMN61D8L Datasheet HTML 8Page - Diodes Incorporated DMN61D8L Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
DMN61D8L/LVT
Document number: DS37630 Rev. 3 - 2
3 of 9
www.diodes.com
April 2015
© Diodes Incorporated
DMN61D8L/LVT
Thermal Characteristics (SOT23) (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 5)
PD
390
mW
Thermal Resistance, Junction to Ambient (Note 5)
Steady State
RθJA
321
°C/W
Total Power Dissipation (Note 6)
PD
610
mW
Thermal Resistance, Junction to Ambient (Note 6)
Steady State
RθJA
208
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Thermal Characteristics (TSOT26) (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 5)
PD
820
mW
Thermal Resistance, Junction to Ambient (Note 5)
Steady State
RθJA
154
°C/W
Total Power Dissipation (Note 6)
PD
1090
mW
Thermal Resistance, Junction to Ambient (Note 6)
Steady State
RθJA
116
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Drain-Source Breakdown Voltage
BVDSS
60
V
VGS = 0V, ID = 10mA
Zero Gate Voltage Drain Current
IDSS
50
0.5
µA
VDS = 60V, VGS = 0V
VDS = 12V, VGS = 0V
Gate-Source Leakage
IGSS
±90
±60
µA
VGS = ±5V, VDS = 0V
VGS = ±3V, VDS = 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(th)
1.3
2.0
V
VDS = VGS, ID = 1mA
Static Drain-Source On-Resistance
RDS(ON)
1.1
1.4
1.8
2.4
Ω
VGS =5V, ID = 0.15A
VGS = 3V, ID = 0.15A
Forward Transfer Admittance
|Yfs|
80
ms
VDS =12V, ID = 0.15A
Diode Forward Voltage
VSD

1.2
V
VGS = 0V, IS = 0.15A
DYNAMIC CHARACTERISTICS (Note 8)
Input Capacitance
Ciss
12.9
pF
VDS = 12V, VGS = 0V
f = 1.0MHz
Output Capacitance
Coss
17
pF
Reverse Transfer Capacitance
Crss
0.84
pF
Total Gate Charge
Qg
0.74
nC
VGS = 5V, VDS = 12V,
ID =150mA
Gate-Source Charge
Qgs
0.19
nC
Gate-Drain Charge
Qgd
0.16
nC
Turn-On Delay Time
tD(on)
131
ns
VDD = 12V, VGS = 5V.
Turn-On Rise Time
tr
301
ns
Turn-Off Delay Time
tD(off)
582
ns
Turn-Off Fall Time
tf
440
ns
Notes:
5. Device mounted on FR-4 PCB, with minimum recommended pad layout.
6.
Device mounted on 1” x 1” FR-4 PCB with high coverage 2oz. copper, single sided.
7. Short duration pulse test used to minimize self-heating effect.
8. Guaranteed by design. Not subject to product testing.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com