Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APD032 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # APD032
Description  PACKAGE MECHANICAL SPECIFICATIONS AND PARAMETERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

APD032 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  APD032 Datasheet HTML 1Page - List of Unclassifed Manufacturers APD032 Datasheet HTML 2Page - List of Unclassifed Manufacturers APD032 Datasheet HTML 3Page - List of Unclassifed Manufacturers APD032 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
UDT Sensors Inc.
Phone:
310-978-0516
Fax:
310-644-1727
http:\\www.udt.com
15 SPECIAL PLASTIC
Products
0.052
0.090
0.082
0.072
PINOUTS
DIMENSIONS
FIL-S9DG
FIL-UV50
FIL-C10DG
FIL-S9DG
FIL- UV100
c
c
a
P/N
FIL-C10DG
FIL-100V
FIL-44V
FIL-100C
FIL-44C
a
1
FIL-100C
FIL-44V
FIL-100V
FIL-UV100
FIL- UV50
FIL-44C
P/N
12
8
7
0.155
cc
aa
aa
c
aa
--
-
-
aa
a
cc
cc
c
0.155
4
23
56
8
7
c
--
-
-
ac
0.130
0.155
AB
0.675
0.10
34
5
6
1.000
(W)
0.750
0.575
A
0.20
B
FIL-44C
FIL-100C
FIL-44V
FIL-100V
FIL-UV50
FIL-UV100
FIL-S9DG
FIL-C10DG
14
SPECIAL PLASTIC
Products
0.152
0.130
DIMENSIONS
4
a
a
c
c
0.20
FIL-S2DG
FIL-S4DG
FIL-UV20
FIL-C4DG
aa
c
c
a
a
c
-
c
P/N
PINOUTS
12 3
ac
-
FIL-C4DG
FIL-3C
FIL-5C
FIL-20C
FIL-UV005
0.087
FIL-S4DG
FIL-UV20
FIL-20V
0.060
FIL-5V
P/N
A
FIL-3V
2
16
5
4
3
0.55
0.485
A
0.44
(W)
0.031
ac
c
a
a
-
56
c
-
B
0.100
B
FIL-3C
FIL-5C
FIL-20C
FIL-3V
FIL-5V
FIL-20V
FIL-UV20
FIL-UV005
FIL-S2DG
FIL-S4DG
FIL-C4DG
0.300
FIL-UV005
FIL-S2DG
FIL-20C
FIL-20V
FIL-3C
FIL-5C
FIL-5V
FIL-3V
Products
SPECIAL BNC
13
B
DIMENSIONS
PIN-10DF
PIN-10AP
P/N
1.02
C
1.30
A
B
0.330
0.550
0.386
0.217
FILTER CAP
(W)
0.700
1.23
B
C
A
1.230
PIN-10AP
PIN-10DF
12
Products
BNC
1.675
1.302
Outer Contact = Anode
BNC
Connector
0.100
0.47
0.56
(W)
0.252
PIN-25D
PIN-25DP
11
Products
BNC
0.975
0.695
(W)
0.092
0.47
0.56
0.175
0.73
ANODE
BNC
Connector
Outer Contact =Anode (PIN-10D, PIN-10DP, PIN-10DP/SB)
Outer Contact = Cathode (UV-50 & UV-100)
PIN-10D
PIN-10DP
PIN-10DP/SB
UV-50
UV-100
Products
LOW PROFILE
10
0.730
0.125
2 c
3 Case
1 a
1
2
3
0.195
0.750
0.695
(W)
0.975
1.00
PIN-10DI
PIN-10DPI
PIN-10DPI/SB
UV-50L
UV-100L
MECHANICAL SPECIFICATIONS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com