Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APD032 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # APD032
Description  PACKAGE MECHANICAL SPECIFICATIONS AND PARAMETERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

APD032 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  APD032 Datasheet HTML 1Page - List of Unclassifed Manufacturers APD032 Datasheet HTML 2Page - List of Unclassifed Manufacturers APD032 Datasheet HTML 3Page - List of Unclassifed Manufacturers APD032 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
59
UDT Sensors Inc.
Phone:
310-978-0516
Fax:
310-644-1727
http:\\www.udt.com
1. Parameter Definitions:
A = Distance from top of chip to top of glass.
a = Photodiode Anode.
B = Distance from top of glass to bottom of case.
c = Photodiode Cathode (Note: cathode is common to case in metal package products unless otherwise noted).
W = Window Diameter.
F.O.V. = Filed of View (see definition below).
2. Dimensions are in inches (1 inch = 25.4 mm).
3. Pin diameters are 0.018 ± 0.001" unless otherwise specified.
4.
Tolerances (unless otherwise noted)
General:
0.XX
± 0.01"
0.XXX ± 0.005"
Chip Centering:
± 0.010"
Dimension `A':
± 0.015"
5.
Windows
All `UV' Enhanced products are provided with QUARTZ glass windows, 0.027 ± 0.002" thick.
All `XUV' products are provided with removable windows.
All `DLS' PSD products are provided with A/R coated glass windows.
All `FIL' photoconductive and photovoltaic products are epoxy filled instead of glass windows.
INTRODUCTION
A
F.O .V .
W
F.O .V. = ta n -1 [W /2 A ]
PACKAGE MECHANICAL SPECIFICATIONS AND PARAMETERS


Similar Part No. - APD032

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
APD03N60AI APME-APD03N60AI Datasheet
2Mb / 7P
600V N-Channel Depletion Mode MOSFET
More results

Similar Description - APD032

ManufacturerPart #DatasheetDescription
logo
AMETHERM Circuit Protec...
SL225R006 AMETHERM-SL225R006 Datasheet
223Kb / 1P
Mechanical Specifications
SM06104410 AMETHERM-SM06104410 Datasheet
94Kb / 1P
Electrical Specifications: Mechanical Specifications:
SM06104450 AMETHERM-SM06104450 Datasheet
97Kb / 2P
Electrical Specifications: Mechanical Specifications:
SM08202350 AMETHERM-SM08202350 Datasheet
94Kb / 1P
Electrical Specifications: Mechanical Specifications:
SL0310001 AMETHERM-SL0310001_12 Datasheet
28Kb / 1P
Mechanical Specifications
MS3250006L AMETHERM-MS3250006L Datasheet
28Kb / 1P
Mechanical Specifications
SL105R003 AMETHERM-SL105R003 Datasheet
30Kb / 1P
Mechanical Specifications
SL0322102 AMETHERM-SL0322102 Datasheet
28Kb / 1P
Mechanical Specifications
SL1215102 AMETHERM-SL1215102 Datasheet
30Kb / 1P
Mechanical Specifications
SL2222101 AMETHERM-SL2222101 Datasheet
28Kb / 1P
Mechanical Specifications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com