Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APD032 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # APD032
Description  PACKAGE MECHANICAL SPECIFICATIONS AND PARAMETERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

APD032 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  APD032 Datasheet HTML 1Page - List of Unclassifed Manufacturers APD032 Datasheet HTML 2Page - List of Unclassifed Manufacturers APD032 Datasheet HTML 3Page - List of Unclassifed Manufacturers APD032 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
UDT Sensors Inc.
Phone:
310-978-0516
Fax:
310-644-1727
http:\\www.udt.com
23
Products
TO-8
PIN-DSIn-TEC
0.375
1
4
58
0.225
0.075
0.525
0.437
0.600
(W)
0.375
0.113
0.231
0.500
2 - Thermistor
7 - Top Silicon, Anode
8 - Top Silicon, Cathode
6 - Bottom InGaAs, Anode
5 - Bottom InGaAs, Cathode
4 - TEC (+)
3 - Thermistor
1 - TEC (-)
PINOUT
22
Products
TO-8
Pin Circle Dia = 0.295
0.065
1 a
3 c
3
1
0.550
0.460
XUV-020
XUV-035
Products
XUV-005
TO-5
21
Pin Circle Dia = 0.200
3 a
1 c
1
3
0.09
0.360
0.285
SPECIAL CERAMIC/PLASTIC
24
Products
C
B
D
0.08
0.39 Min
A
0.30
0.65
0.40
0.30
0.40
0.65
0.49
0.49
0.390
0.65
XUV-50C
XUV-100C
UV-35P
RD-100
P/N
UV-100DC
UV-035DC
UV-005DC
UV-100EC
UV-035EC
UV-005EC
0.49
0.275
0.59
0.345
0.027
0.050
0.50
0.29
0.18
0.29
0.24
0.59
0.35
0.24
0.35
DIMENSIONS
0.18
0.50
0.59
0.048
0.053
A
B
C
D
Notch
Indicates
Anode Pin
RD-100
UV-35P
UV-005EC
UV-035EC
UV-100EC
UV-005DC
UV-035DC
UV-100DC
XUV-50C
XUV-100C
RD-100A
RD-100A
0.65
25
Products
TO-8
PIN-FD07
PIN-FD15
Pin Circle Dia = 0.295
3
1
0.120
1 a
0.201
3 c
0.550
0.485
0.430
(W)
0.530
Products
XUV-100
27
BNC
Outer Contact = Cathode
BNC Connector
0.47
0.39
0.626
0.975
0.083
SPECIAL PLASTIC
26
8
Products
1.250
0.045
1.575
0.56
0.3 13
0.65
0.626
0.118
0.236
0.076
Pin Dia = 0.040
PIN-220D
PIN-220DP
PIN-220DP/SB
ca
2
2 Case
0.209
MECHANICAL SPECIFICATIONS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com